công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MRT555SFFOC bảng dữ liệu (PDF) - NXP Semiconductors

MRT555SFFOC Datasheet PDF - NXP Semiconductors
tên linh kiện MRT555SFFOC
tải về  MRT555SFFOC tải về
kích thước tập tin   1544.71 Kbytes
Page   128 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện i.MX RT500 Low-Power Crossover Processor

MRT555SFFOC Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MRT555SFFOC Datasheet PDF - NXP Semiconductors

tên linh kiện MRT555SFFOC
tải về  MRT555SFFOC Click to download

kích thước tập tin   1544.71 Kbytes
Page   128 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện i.MX RT500 Low-Power Crossover Processor

MRT555SFFOC bảng dữ liệu (HTML) - NXP Semiconductors


MRT555SFFOC Thông tin chi tiết sản phẩm

The i.MX RT500 is a family of dual-core microcontrollers for
embedded applications featuring an Arm Cortex-M33 CPU
combined with a Cadence® Xtensa® Fusion F1 Audio Digital
Signal Processor CPU. The Cortex-M33 includes two hardware
coprocessors providing enhanced performance for an array of
complex algorithms along with a 2D Vector GPU with LCD
Interface and MIPI DSI PHY. The family offers a rich set of
peripherals and very low power consumption. The device has up
to 5 MB SRAM, two FlexSPIs (Octal/Quad SPI Interfaces) each
with 32 KB cache, one with dynamic decryption, high-speed USB
device/host + PHY, 12-bit 1 MS/s ADC, Analog Comparator,
Audio subsystems supporting up to 8 DMIC channels, 2D GPU
and LCD Controller with MIPI DSI PHY, SDIO/eMMC; FlexIO;
AES/SHA/Crypto M33 coprocessor and PUF key generation

Control processor core
• Arm Cortex-M33 processor, running at frequencies of
up to 275 MHz
• Arm TrustZone
• Arm Cortex-M33 built-in Memory Protection Unit (MPU)
supporting eight regions
• Single-precision Hardware Floating Point Unit (FPU).
• Arm Cortex-M33 built-in Nested Vectored Interrupt
Controller (NVIC).
• Non-maskable Interrupt (NMI) input.
• Two coprocessors for the Cortex-M33: a hardware
accelerator for fixed and floating point DSP functions
(PowerQuad) and a Crypto/FFT engine (Casper). The
DSP coprocessor uses a bank of four dedicated 8 KB
SRAMs. The Crypto/FFT engine uses a bank of two 2
KB SRAMs that are also AHB accessible by the CPU
and the DMA engine.
• Serial Wire Debug with eight break points, four watch
points, and a debug timestamp counter. It includes
Serial Wire Output (SWO) trace and ETM trace.
• Cortex-M33 System tick timer
DSP processor core
• Cadence Tensilica Fusion F1 DSP processor, running
at frequencies of up to 275 MHz.
• Hardware Floating Point Unit.
• Serial Wire Debug (shared with Cortex-M33 Control
Domain CPU).
Communication interface
• Up to 9-12 configurable universal serial interface
modules (Flexcomm Interfaces). Each module
contains an integrated FIFO and DMA support.
Each of the nine modules can be configured as:
• A USART with dedicated fractional baud rate
generation and flow-control handshaking
signals. The USART can optionally be clocked
at 32 kHz and operated when the chip is in
reduced power mode, using either the 32 kHz
clock or an externally supplied clock. The
USART also provides partial support for
LIN2.2.
• An I2C-bus interface with multiple address
recognition, and a monitor mode. It supports
400 Kb/sec Fast-mode and 1 Mb/sec Fastmode
Plus. It also supports 3.4 Mb/sec highspeed
when operating in slave mode.
• An SPI interface.
• An I2S (Inter-IC Sound) interface for digital
audio input or output. Each I2S supports up to
four channel-pairs.
• Two additional high-speed SPI interfaces supporting
50 MHz operation
• One additional I2C interface with open-drain pads
• Two I3C bus interfaces
• A digital microphone interface supporting up to 8
channels with associated decimators and Voice




Số phần tương tự - MRT555SFFOC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MRT555SFFOC NXP-MRT555SFFOC Datasheet
1Mb / 119P
i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
Rev. 0.1, 04/2021
More results


Mô tả tương tự - MRT555SFFOC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMXRT1020CEC NXP-IMXRT1020CEC Datasheet
1Mb / 95P
i.MX RT1020 Crossover Processors for Consumer
Rev. 0, 06/2018
IMXRT1050CEC NXP-IMXRT1050CEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Consumer
Rev. 1, 03/2018
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT500EC NXP-IMXRT500EC Datasheet
1Mb / 119P
i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
Rev. 0.1, 04/2021
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMXRT1060XXEC NXP-IMXRT1060XXEC Datasheet
1Mb / 103P
i.MX RT1060X Crossover Processors for Extended Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com