|
Panel feed-through, straight, SPEEDCON, M17, number of positions: 3+PE, contact connection
type: Pin, Flat gasket, 4x Ø 3.2, shielded: yes, flange dimensions: 25.75 mm x 25.75 mm, degree
of protection: IP67, cable diameter range: 5 mm ... 9 mm, number of positions: 4, connection
method: Crimp connection, series: ST, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1243210
Your advantages
• Reduced size: ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters
• User-specific, suitable for front and rear mounting
|