công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXPS7400A4ST1 bảng dữ liệu (PDF) - NXP Semiconductors

FXPS7400A4ST1 Datasheet PDF - NXP Semiconductors
tên linh kiện FXPS7400A4ST1
tải về  FXPS7400A4ST1 tải về
kích thước tập tin   545.65 Kbytes
Page   25 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Analog absolute pressure sensor, 20 kPA to 400 kPA

FXPS7400A4ST1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
FXPS7400A4ST1 Datasheet PDF - NXP Semiconductors

tên linh kiện FXPS7400A4ST1
tải về  FXPS7400A4ST1 Click to download

kích thước tập tin   545.65 Kbytes
Page   25 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Analog absolute pressure sensor, 20 kPA to 400 kPA

FXPS7400A4ST1 bảng dữ liệu (HTML) - NXP Semiconductors


FXPS7400A4ST1 Thông tin chi tiết sản phẩm

1 General description
The FXPS7400A4S high-performance, high-precision absolute pressure sensor consists of a compact
capacitive micro-electro-mechanical systems (MEMS) device coupled with a digital integrated circuit (IC)
producing a fully calibrated analog output.
This sensor is ideal for many automotive applications such as manifold air pressure (MAP), turbo MAP, comfort
seating, and other applications requiring operating absolute pressure ranges up to 400 kPa.
The sensing element is based on NXP's high precision capacitive pressure cell technology. The architecture
benefits from redundant pressure transducers as an expanded quality measure. It delivers highly accurate
ratiometric analog readings of absolute pressure while operating from either a 3.3 V or 5.0 V power supply.
The sensor operates over a pressure range of 20 kPa to 400 kPa and over a wide temperature range of –40 ºC
to 130 ºC.
The sensor comes in an industry-leading 4 mm x 4 mm x 1.98 mm, restriction of hazardous substances (RoHS)
compliant, high-power quad flat no-lead (HQFN) package[1] suitable for small printed circuit board (PCB)
integration. Its AEC-Q100[2] compliance, high accuracy, reliable performance, and high media resistivity make it
ideal for use in automotive, industrial, and consumer applications.

2 Features and benefits
• Absolute pressure range: 20 kPa to 400 kPa
• Operating temperature range: –40 °C to 130 °C
• Analog output for monitoring of the absolute pressure signal
• Pressure transducer and digital signal processor (DSP)
– Internal self-test
• Capacitance to voltage converter with anti-aliasing filter
• Sigma delta ADC plus sinc filter
• 800 Hz or 1000 Hz low-pass filter for absolute pressure
• Lead-free, 16-pin HQFN, 4 mm x 4 mm x 1.98 mm package

3 Applications
3.1 Automotive
• Manifold air pressure
– MAP, TurboMAP
• Small engine control
• Liquid propane gas (LPG) or compressed natural gas (CNG) engine management
3.2 Industrial
• Compressed air
• Manufacturing line control
• Gas metering
• Weather stations
3.3 Medical/Consumer
• Blood pressure monitor
• Medicine dispensing systems
• White goods




Số phần tương tự - FXPS7400A4ST1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
FXPS7400A4S NXP-FXPS7400A4S Datasheet
546Kb / 24P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1-9 August 2022
More results


Mô tả tương tự - FXPS7400A4ST1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
FXPS7400A4 NXP-FXPS7400A4 Datasheet
326Kb / 22P
Analog absolute pressure sensor, 20 to 400 kPA
Rev. 4.1-29 May 2019
FXPS7400A4 NXP-FXPS7400A4_V01 Datasheet
452Kb / 24P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 5 - 29 July 2022
FXPS7400D4 NXP-FXPS7400D4_V01 Datasheet
898Kb / 75P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6 - 6 June 2022
FXPS7400A4S NXP-FXPS7400A4S Datasheet
546Kb / 24P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1-9 August 2022
FXPS7400D4S NXP-FXPS7400D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1-9 August 2022
FXPS7400D4S NXP-FXPS7400D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1.1 - 28 June 2023
FXPS7400D4 NXP-FXPS7400D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6.1 - 28 June 2023
FXPS7400A4 NXP-FXPS7400A4_V02 Datasheet
545Kb / 25P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 5.1 - 3 November 2023
FXPS7400D4S NXP-FXPS7400D4S_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1.3 - 3 November 2023
FXPS7400D4 NXP-FXPS7400D4_V03 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6.3 - 3 November 2023
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com