công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN54SC2T74-SEP bảng dữ liệu (PDF) - Texas Instruments

SN54SC2T74-SEP Datasheet PDF - Texas Instruments
tên linh kiện SN54SC2T74-SEP
tải về  SN54SC2T74-SEP tải về
kích thước tập tin   1012.71 Kbytes
Page   24 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation

SN54SC2T74-SEP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SN54SC2T74-SEP Datasheet PDF - Texas Instruments

tên linh kiện SN54SC2T74-SEP
tải về  SN54SC2T74-SEP Click to download

kích thước tập tin   1012.71 Kbytes
Page   24 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation

SN54SC2T74-SEP bảng dữ liệu (HTML) - Texas Instruments


SN54SC2T74-SEP Thông tin chi tiết sản phẩm

1 Features
• Vendor item drawing available, VID
V62/23632-01XE
• Total ionizing dose characterized at 30 krad (Si)
– Total ionizing dose radiation lot acceptance
testing (TID RLAT) for every wafer lot to 30
krad (Si)
• Single-event effects (SEE) characterized:
– Single event latch-up (SEL) immune to linear
energy transfer (LET) = 43 MeV-cm2 /mg
– Single event transient (SET) characterized to
43 MeV-cm2 /mg
• Wide operating range of 1.2 V to 5.5 V
• Single-supply translating gates at 5/3.3/2.5/1.8/1.2
V VCC
– TTL compatible inputs:
• Up translation:
– 1.8-V – Inputs from 1.2 V
– 2.5-V – Inputs from 1.8 V
– 3.3-V – Inputs from 1.8 V, 2.5 V
– 5.0-V – Inputs from 2.5 V, 3.3 V
• Down translation:
– 1.2-V – Inputs from 1.8 V, 2.5 V, 3.3 V,
5.0 V
– 1.8-V – Inputs from 2.5 V, 3.3 V, 5.0 V
– 2.5-V – Inputs from 3.3 V, 5.0 V
– 3.3-V – Inputs from 5.0 V
• 5.5 V tolerant input pins
• Output drive up to 25 mA AT 5-V
• Latch-up performance exceeds 250 mA per
JESD 17
• Space enhanced plastic (SEP)
– Controlled baseline
– Gold bondwire
– NiPdAu lead finish
– One assembly and test site
– One fabrication site
– Military (–55°C to 125°C) temperature range
– Extended product life cycle
– Product traceability
– Meets NASAs ASTM E595 outgassing
specification

2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED
• Translation between communication modules and
system controllers

3 Description
The SN54SC2T74-SEP contains two independent Dtype
positive-edge-triggered flip-flops. A low level at
the preset (PRE) input sets the output high. A low
level at the clear (CLR) input resets the output low.
Preset and clear functions are asynchronous and not
dependent on the levels of the other inputs. When
PRE and CLR are inactive (high), data at the data
(D) input meeting the setup time requirements is
transferred to the outputs (Q, Q) on the positive-going
edge of the clock (CLK) pulse. Clock triggering occurs
at a voltage level and is not directly related to the
rise time of the input clock (CLK) signal. Following
the hold-time interval, data at the data (D) input can
be changed without affecting the levels at the outputs
(Q, Q). The output level is referenced to the supply
voltage (VCC) and supports 1.8-V, 2.5-V, 3.3-V, and
5-V CMOS levels.
The input is designed with a lower threshold circuit to
support up translation for lower voltage CMOS inputs
(for example, 1.2 V input to 1.8 V output or 1.8 V input
to 3.3 V output). In addition, the 5-V tolerant input pins
enable down translation (for example, 3.3 V to 2.5 V
output).




Số phần tương tự - SN54SC2T74-SEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI-SN54SC2T74-SEP Datasheet
1Mb / 30P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI2-SN54SC2T74-SEP Datasheet
1Mb / 29P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
More results


Mô tả tương tự - SN54SC2T74-SEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ACS174MS INTERSIL-ACS174MS Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
logo
Texas Instruments
SN74LV2T74-Q1 TI-SN74LV2T74-Q1 Datasheet
1Mb / 30P
SN74LV2T74-Q1 Automotive Dual D-Type Flip-Flop With Integrated Translation
MAY 2023
SN74LV2T74 TI-SN74LV2T74 Datasheet
1Mb / 30P
SN74LV2T74 Dual D-Type Flip-Flop With Integrated Translation
MAY 2023
SN54SC4T00-SEP TI-SN54SC4T00-SEP Datasheet
945Kb / 20P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T32-SEP TI-SN54SC4T32-SEP Datasheet
1Mb / 20P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI-SN74LV2T74-EP Datasheet
997Kb / 21P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP_V01 Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC4T00-SEP TI1-SN54SC4T00-SEP_V01 Datasheet
997Kb / 24P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T32-SEP TI1-SN54SC4T32-SEP_V01 Datasheet
1Mb / 24P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI1-SN74LV2T74-EP_V01 Datasheet
1Mb / 25P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com