công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPSM365R15 bảng dữ liệu (PDF) - Texas Instruments

TPSM365R15 Datasheet PDF - Texas Instruments
tên linh kiện TPSM365R15
tải về  TPSM365R15 tải về
kích thước tập tin   2242.13 Kbytes
Page   47 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPSM365R1x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Power Module Optimized for Size and Light Load Efficiency

TPSM365R15 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPSM365R15 Datasheet PDF - Texas Instruments

tên linh kiện TPSM365R15
tải về  TPSM365R15 Click to download

kích thước tập tin   2242.13 Kbytes
Page   47 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPSM365R1x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Power Module Optimized for Size and Light Load Efficiency

TPSM365R15 bảng dữ liệu (HTML) - Texas Instruments


TPSM365R15 Thông tin chi tiết sản phẩm

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC module:
– Integrated MOSFETs, inductor, and controller
– 3-V to 65-V wide input voltage range
– Up to 70-V input transient
– –40°C to +125°C junction temperature range
– 4.5-mm × 3.5-mm × 2-mm overmolded package
– Frequency adjustable from 200 kHz to 2.2 MHz
using the RT pin
• Optimized for ultra-low EMI requirements:
– Pseudo-random spread spectrum reduces peak
emissions
– Pin selectable FPWM mode for constant
frequency at light loads with MODE/SYNC pin
– Frequency synchronization with MODE/SYNC
pin
– CISPR11 class B capable
• Designed for scalable industrial power supplies:
– Pin compatible family with TPSM365R3 (65
V, 300 mA), TPSM365R6 (65 V, 600 mA),
TPSM33615 (36 V, 1.5 A), and TPSM33625 (36
V, 2.5 A)
• Inherent protection features for robust design
– Precision enable input and open-drain PGOOD
indicator for control, sequencing, and VIN UVLO
– Overcurrent and thermal shutdown protections
• Create a custom design using the TPSM365R15
with the WEBENCH® Power Designer

2 Applications
• Factory automation
• Building automation
• Appliances

3 Description
The TPSM365R1 and TPSM365R15 are 65-V, 100-
mA, and 150-mA synchronous step-down DC/DC
power modules that combine power MOSFETs,
integrated inductor, and boot capacitor in a compact
and easy-to-use 3.5-mm × 4.5-mm × 2-mm, 11-pin
QFN package. The small HotRod™ QFN package
technology enhances the thermal performance and
results in low EMI. The device features ultra-low
operating IQ of 4-μA at no load (24 VIN to 3.3
VOUT). The TPSM365R1x support fixed 3.3-V and 5-V
outputs, as well as adjustable output voltages ranging
from 1 V to 16 V.
The TPSM365R1x use peak current mode control
architecture with internal compensation to maintain
stable operation with minimal output capacitance.
With a resistor from the RT pin to ground, the
switching frequency is programmed to operate at
any desired point over a wide range from 200 kHz
to 2.2 MHz. The precision EN/UVLO feature allows
precise control of the device during the start-up
and shutdown. The PGOOD flag, with built-in glitch
filter and delayed release, offers a true indication
of the system status, eliminating the requirement
for an external voltage supervisor. The compact
design size and rich feature set of TPSM365R1x
simplifies implementation for a wide range of industrial
applications.




Số phần tương tự - TPSM365R15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPSM365R3 TI-TPSM365R3 Datasheet
3Mb / 45P
TPSM365R6, 3-V to 65-V Input, 600-mA, 4-μA No-Load IQ Synchronous Buck Converter Power Module in a HotRod™ QFN Package
SEPTEMBER 2022
TPSM365R3 TI1-TPSM365R3 Datasheet
3Mb / 55P
TPSM365R6, TPSM365R3 3-V to 65-V Input, 600-mA/300-mA, 4-μA No-Load IQ Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED FEBRUARY 2023
TPSM365R3FRDNR TI-TPSM365R3FRDNR Datasheet
3Mb / 45P
TPSM365R6, 3-V to 65-V Input, 600-mA, 4-μA No-Load IQ Synchronous Buck Converter Power Module in a HotRod™ QFN Package
SEPTEMBER 2022
TPSM365R3FRDNR TI1-TPSM365R3FRDNR Datasheet
3Mb / 55P
TPSM365R6, TPSM365R3 3-V to 65-V Input, 600-mA/300-mA, 4-μA No-Load IQ Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED FEBRUARY 2023
TPSM365R3RDNR TI-TPSM365R3RDNR Datasheet
3Mb / 45P
TPSM365R6, 3-V to 65-V Input, 600-mA, 4-μA No-Load IQ Synchronous Buck Converter Power Module in a HotRod™ QFN Package
SEPTEMBER 2022
More results


Mô tả tương tự - TPSM365R15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LMR36503-Q1 TI1-LMR36503-Q1 Datasheet
75Kb / 4P
LMR36503-Q1 3 V??5 V, 0.3-A Buck Converter Optimized for Size and Light Load Efficiency
LMR36503-Q1 TI1-LMR36503-Q1_V01 Datasheet
563Kb / 31P
LMR36503-Q1 3 V??5 V, 0.3-A Synchronous Buck Converter Optimized for Size and Light Load Efficiency
LMR36506-Q1 TI1-LMR36506-Q1_V01 Datasheet
2Mb / 54P
LMR36506-Q1 3-V to 65-V, 0.6-A Synchronous Buck Converter Optimized for Size and Light Load Efficiency
LMR36502 TI-LMR36502 Datasheet
3Mb / 47P
LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
MARCH 2023
LMR36501 TI-LMR36501 Datasheet
3Mb / 48P
LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
REVISED MAY 2023
LMR36500 TI-LMR36500 Datasheet
3Mb / 51P
LMR36500 3-V to 65-V, 50-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
NOVEMBER 2023
LMR36500 TI1-LMR36500 Datasheet
3Mb / 54P
LMR36500 3-V to 65-V, 50-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com