công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS7A53B bảng dữ liệu (PDF) - Texas Instruments

TPS7A53B Datasheet PDF - Texas Instruments
tên linh kiện TPS7A53B
tải về  TPS7A53B tải về
kích thước tập tin   1395.08 Kbytes
Page   35 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator

TPS7A53B Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPS7A53B Datasheet PDF - Texas Instruments

tên linh kiện TPS7A53B
tải về  TPS7A53B Click to download

kích thước tập tin   1395.08 Kbytes
Page   35 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator

TPS7A53B bảng dữ liệu (HTML) - Texas Instruments


TPS7A53B Thông tin chi tiết sản phẩm

1 Features
• Accuracy over line, load, and temperature with
BIAS: 0.5%
• Output voltage noise: 4.4 μVRMS
• Low dropout: 110 mV (max) at 3 A with BIAS
• Power-supply rejection ratio:
– 40 dB at 500 kHz
• Input voltage range:
– Without BIAS: 1.4 V to 6.5 V
– With BIAS: 1.1 V to 6.5 V
• Adjustable output voltage range: 0.5 V to 5.15 V
• Adjustable soft-start inrush control
• Open-drain, power-good (PG) output
• 2.5-mm × 2.2-mm, 12-pin VQFN package

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A53B is a low-noise (4.4 μVRMS), ultra-low
dropout linear regulator (LDO) capable of sourcing
3 A with only 110 mV of maximum dropout. The
device output voltage is adjustable from 0.5 V to
5.15 V using an external resistor divider.
The combination of low noise (4.4 μVRMS),
high PSRR, and high output current capability
makes the TPS7A53B designed for powering noisesensitive
components such as those found in highspeed
communications, video, medical, or test-andmeasurement
applications. The high performance
of this device limits power-supply-generated phase
noise and clock jitter, making this device a good
choice for powering high-performance serializers and
deserializers (SerDes), analog-to-digital converters
(ADCs), and digital-to-analog converters (DACs).
Specifically, RF amplifiers benefit from the high
performance and 5.15-V output capability of the
device.
For digital loads [such as application-specific
integrated circuits (ASICs), field-programmable gate
arrays (FPGAs), and digital signal processors
(DSPs)] requiring low-input, low-output (LILO) voltage
operation, the exceptional accuracy (0.5% over
load and temperature), remote sensing, excellent
transient performance, and soft-start capabilities of
the TPS7A53B provides optimal system performance.
As an adjustable voltage regulator, there is versatility
in the design of the TPS7A53B that makes the device
a component of choice for analog loads such as
voltage-controlled oscillators (VCOs), ADCs, DACs,
and imaging sensors and for digital loads such as
SerDes, FPGAs, and DSPs.




Số phần tương tự - TPS7A53B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7A53B TI1-TPS7A53B Datasheet
2Mb / 44P
TPS7A53B 3A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
JANUARY 2024
TPS7A53B TI1-TPS7A53B_V01 Datasheet
2Mb / 44P
TPS7A53B 3A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
JANUARY 2024
More results


Mô tả tương tự - TPS7A53B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com