công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS3762D02OVDDFR bảng dữ liệu (PDF) - Texas Instruments

PS3762D02OVDDFR Datasheet PDF - Texas Instruments
tên linh kiện PS3762D02OVDDFR
tải về  PS3762D02OVDDFR tải về
kích thước tập tin   2097.14 Kbytes
Page   39 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test

PS3762D02OVDDFR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PS3762D02OVDDFR Datasheet PDF - Texas Instruments

tên linh kiện PS3762D02OVDDFR
tải về  PS3762D02OVDDFR Click to download

kích thước tập tin   2097.14 Kbytes
Page   39 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test

PS3762D02OVDDFR bảng dữ liệu (HTML) - Texas Instruments


PS3762D02OVDDFR Thông tin chi tiết sản phẩm

1 Features
• SIL-3 Functional Safety-compliant product targeted
– Development targeted for Functional Safety
applications
– Documentation to aid IEC 61508 system design
– Systematic capability up to SIL-3 targeted
– Hardware capability up to SIL-3 targeted
• Monitor high voltage power rails
– Wide input voltage range: 2.7 V to 65 V
– Reverse polarity protection on sense pin -65 V
– No external components required to power off
of high voltage rail
• Device flexibility to meet design requirements
– Wide voltage threshold range: 2.7 V to 60 V
– 800mV option - use with external resistor
divider to set threshold
– Built-in hysteresis (2 %, 5 %, and 10 % options)
– Fixed and programmable reset time delay
– Fixed and programmable detection delay
• Designed for Safety Applications
– Output reset latching feature to help bring
system to safe state
– Ultra-fast detection time delay (<5 μs) to help
minimize system Fault Tolerant Time Interval
(FTTI)
– Built-In Self-Test to monitor device functionality
and enhance system protection

2 Applications
• Single & Multiaxis Servo Drive
• Industrial & Collaborative Robot
• Avionics
• PLC, DCS & PAC

3 Description
The TPS3762 is a 65 V input voltage supervisor
with 4 μA IDD, 0.8% accuracy, fast detection time,
and a Built-In Self-Test feature. This device can be
connected directly to 12 V / 24 V industrial SELV
power rails for continuous monitoring of overvoltage
(OV) or undervoltage (UV) conditions; with its internal
resistor divider, TPS3762 offers the smallest total
solution size. Wide hysteresis voltage options are
available to ignore large voltage transients. Built-in
hysteresis on the SENSE pin prevents false reset
signals when monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability systems and
SENSE can monitor higher and lower voltages than
VDD. Optional use of external resistors are supported
by the high impedance input of the SENSE pin. CTS
and CTR pins allow delay adjustability on the rising
and falling edges of the RESET signal. The CTS
functions as a debouncer by ignoring voltage glitches
on the monitored voltage rails.
The TPS3762 is available in a 2.9 mm × 1.6 mm
SOT23 8-pin package. TPS3762 operates over -40°C
to +125°C TA.




Số phần tương tự - PS3762D02OVDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PS3762D02OVDDFR TI1-PS3762D02OVDDFR Datasheet
2Mb / 42P
TPS3762 65 V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
DECEMBER 2023
PS3762D02OVDDFRQ1 TI-PS3762D02OVDDFRQ1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
PS3762D02OVDDFRQ1 TI-PS3762D02OVDDFRQ1 Datasheet
2Mb / 46P
TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
MAY 2024
More results


Mô tả tương tự - PS3762D02OVDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37_V01 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS37 TI1-TPS37_V03 Datasheet
2Mb / 44P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
REVISED AUGUST 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com