công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMG3622 bảng dữ liệu (PDF) - Texas Instruments

LMG3622 Datasheet PDF - Texas Instruments
tên linh kiện LMG3622
tải về  LMG3622 tải về
kích thước tập tin   1338.69 Kbytes
Page   30 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation

LMG3622 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LMG3622 Datasheet PDF - Texas Instruments

tên linh kiện LMG3622
tải về  LMG3622 Click to download

kích thước tập tin   1338.69 Kbytes
Page   30 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation

LMG3622 bảng dữ liệu (HTML) - Texas Instruments


LMG3622 Thông tin chi tiết sản phẩm

1 Features
• 650-V 120-mΩ GaN power FET
• Integrated gate driver with low propagation delays
and adjustable turn-on slew-rate control
• Current-sense emulation with high bandwidth and
high accuracy
• Cycle-by-cycle overcurrent protection
• Overtemperature protection with FLT pin reporting
• AUX quiescent current: 240 μA
• AUX standby quiescent current: 50 μA
• Maximum supply and input logic pin voltage: 26 V
• 8 mm × 5.3 mm QFN package with thermal pad

2 Applications
• AC/DC adapters and chargers
• AC/DC USB wall outlet power supplies
• AC/DC auxiliary power supplies
• Mobile wall charger design
• USB wall power outlet
• Auxiliary-power supplies

3 Description
The LMG3622 is a 650-V 120-mΩ GaN power FET
intended for switch-mode power-supply applications.
The LMG3622 simplifies design and reduces
component count by integrating the GaN FET and
gate driver in a 8-mm by 5.3-mm QFN package.
Programmable turn-on slew rates provide EMI and
ringing control. The current-sense emulation reduces
power dissipation compared to the traditional currentsense
resistor and allows the low-side thermal pad to
be connected to the cooling PCB power ground.
The LMG3622 supports converter light-load efficiency
requirements and burst-mode operation with low
quiescent currents and fast start-up times. Protection
features include under-voltage lockout (UVLO), cycleby-
cycle current limit, and overtemperature protection.
Overtemperature protection is reported with the opendrain
FLT pin.




Số phần tương tự - LMG3622

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMG3622 TI1-LMG3622 Datasheet
1Mb / 29P
LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
REVISED NOVEMBER 2023
LMG3622REQR TI1-LMG3622REQR Datasheet
1Mb / 29P
LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
REVISED NOVEMBER 2023
LMG3622 TI1-LMG3622_V01 Datasheet
1Mb / 29P
LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
REVISED NOVEMBER 2023
More results


Mô tả tương tự - LMG3622

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMG3522R030 TI-LMG3522R030 Datasheet
2Mb / 39P
LMG3522R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
NOVEMBER 2022
LMG3526R030 TI-LMG3526R030 Datasheet
3Mb / 51P
LMG3526R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
MARCH 2023
LMG3526R030 TI-LMG3526R030_V01 Datasheet
2Mb / 48P
LMG3526R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
REVISED APRIL 2023
LMG3526R050 TI-LMG3526R050 Datasheet
2Mb / 44P
LMG3526R050 650-V 50-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
SEPTEMBER 2023
LMG3624 TI-LMG3624 Datasheet
1Mb / 30P
LMG3624 650-V 170-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
SEPTEMBER 2023
LMG3626 TI-LMG3626 Datasheet
1Mb / 30P
LMG3626 650-V 270-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
SEPTEMBER 2023
LMG3622 TI1-LMG3622_V01 Datasheet
1Mb / 29P
LMG3622 650-V 120-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
REVISED NOVEMBER 2023
LMG3626 TI1-LMG3626_V01 Datasheet
1Mb / 29P
LMG3626 650-V 270-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
REVISED NOVEMBER 2023
LMG3612 TI1-LMG3612 Datasheet
1Mb / 25P
LMG3612 650-V 120-mΩ GaN FET With Integrated Driver
NOVEMBER 2023
LMG3616 TI1-LMG3616 Datasheet
1Mb / 25P
LMG3616 650-V 270-mΩ GaN FET With Integrated Driver
NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com