|
Direct plug-in block, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 14, number
of rows: 1, number of positions: 14, number of connections: 14, product range: MVSTBU 2,5/..-
GFB, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Direct mounting, conductor/PCB connection direction: 0 °, number of
solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, locking: Screw locking,
mounting: Threaded flange, type of packaging: packed in cardboard
Your advantages
• Direct plug-in blocks with mounting flanges for screw connection on mounting plates or unit housing
• Can be combined with the MSTB 2,5 range
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known connection principle allows worldwide use
• Allows connection of two conductors
|