công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu (PDF) - Texas Instruments

TUSB2E11 Datasheet PDF - Texas Instruments
tên linh kiện TUSB2E11_V01
tải về  TUSB2E11 tải về
kích thước tập tin   1639.88 Kbytes
Page   58 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TUSB2E11 USB 2.0-eUSB2 Repeater

TUSB2E11 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TUSB2E11 Datasheet PDF - Texas Instruments

tên linh kiện TUSB2E11_V01
tải về  TUSB2E11 Click to download

kích thước tập tin   1639.88 Kbytes
Page   58 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TUSB2E11 USB 2.0-eUSB2 Repeater

TUSB2E11 bảng dữ liệu (HTML) - Texas Instruments


TUSB2E11 Thông tin chi tiết sản phẩm

1 Features
• USB 2.0 and eUSB2 (rev 1.2) compliant
• Low-speed, full-speed, high-speed signaling
• Best-in-class high-speed total jitter of 20 ps
• Register access protocol receptor capable
• Host and device mode (dual-role device) support
• Auto detection for I2C or strap-pin options
– Three strap-pins for USB 2.0 high-speed
channel compensation settings
– I2C device interface for more configurations
• Device variants
– eUSB2 1.0-V or 1.2-V signaling interface
– eUSB2 trace loss compensation levels for
different product form-factors
– 1.2-V or 1.8-V I2C interface
• Optional battery charging and detection support
– BC 1.2 CDP or DCP divider mode advertising
– Data-aware USB Type-C™ compatible BC 1.2
SDP, CDP, and DCP divider mode detection
– Dual-role auto switching between charger
advertising or detection
• CTA-936 USB Carkit UART support
• Supports auto-resume ECR as well as L2 interrupt
resume mode
• Optional GPIOs: interrupt GPIO2, debug, I2C ↔
GPIO0/1
• I2C accessible debug capabilities for
manufacturing tests

2 Applications
• Notebooks and desktops
• Cell phones
• Tablets
• Wearables
• Portable electronics

3 Description
TUSB2E11 is a USB compliant eUSB2 to USB 2.0
repeater supporting both device and host modes.
The device supports USB low-speed (LS), full-speed
(FS) signals, and high-speed (HS) signals.
The device has multiple patented designs to provide
robust interoperability, optimum performance, and
power.
For systems without an I2C interface, the device offers
eight individual settings with three strap-pins for USB
2.0 channel Equivalent Series Resistance (ESR) up to
20 Ω. Device variants are available for different levels
of eUSB2 trace length compensation up to 10 inches.
The I2C interface permits additional flexibility for fine
tuning of device RX equalization and TX amplitude,
slew rate and pre-emphasis to pass electrical
compliance tests and compensate for channel loss.
Various debug options are available through the 3
GPIO pins that can be configured to monitor various
USB bus states or interrupt as well as CTA-936 UART
mode that can provide SoC debug capabilities. GPIO0
and GPIO1 can be used as general purpose I2C to
GPIOs bridge.




Số phần tương tự - TUSB2E11_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TUSB2E111YCGR TI-TUSB2E111YCGR Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
More results


Mô tả tương tự - TUSB2E11_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E11 TI-TUSB2E11 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
TUSB2E22 TI1-TUSB2E22_V01 Datasheet
1Mb / 30P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
REVISED OCTOBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com