công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSMNR70-40SSH bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

PSMNR70-40SSH Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện PSMNR70-40SSH
tải về  PSMNR70-40SSH tải về
kích thước tập tin   324.63 Kbytes
Page   13 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện N-channel 40 V, 0.7 mΩ, 425 Amps continuous, standard level MOSFET in LFPAK88 using NextPowerS3 Technology

PSMNR70-40SSH Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PSMNR70-40SSH Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện PSMNR70-40SSH
tải về  PSMNR70-40SSH Click to download

kích thước tập tin   324.63 Kbytes
Page   13 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện N-channel 40 V, 0.7 mΩ, 425 Amps continuous, standard level MOSFET in LFPAK88 using NextPowerS3 Technology

PSMNR70-40SSH bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


PSMNR70-40SSH Thông tin chi tiết sản phẩm

1. General description
425 Amp continuous current, standard level gate drive, N-channel enhancement mode MOSFET
in LFPAK88 package. NextPowerS3 family using Nexperia’s unique “SchottkyPlus” technology
delivers high efficiency and low spiking performance usually associated with MOSFETs with
an integrated Schottky or Schottky-like diode but without problematic high leakage current.
NextPowerS3 is particularly suited to high efficiency applications at high switching frequencies, and
also safe and reliable switching at high load-current.
2. Features and benefits
• 425 Amp continuous current capability
• LFPAK88 (8 x 8 mm) LFPAK-style low-stress exposed lead-frame for ultimate reliability,
optimum soldering and easy solder-joint inspection
• Copper-clip and solder die attach for low package inductance and resistance, and high ID (max)
rating
• Ideal replacement for D2PAK and 10 x 12 mm leadless package types
• Qualified to 175 °C
• Meets UL2595 requirements for creepage and clearance
• Avalanche rated, 100 % tested
• Low QG, QGD and QOSS for high efficiency, especially at higher switching frequencies
• Superfast switching with soft body-diode recovery for low-spiking and ringing, recommended for
low EMI designs
• Unique “SchottkyPlus” technology for Schottky-like switching performance and low IDSS leakage
• Narrow VGS(th) rating for easy paralleling and improved current sharing
• Very strong linear-mode / safe operating area characteristics for safe and reliable switching at
high-current conditions
3. Applications
• Brushless DC motor control
• Synchronous rectifier in high-power AC-DC applications, e.g. server power supplies
• Battery protection
• eFuse and load switch
• Hotswap / in-rush current management




Số phần tương tự - PSMNR70-40SSH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PSMNR70-40SSH NEXPERIA-PSMNR70-40SSH Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PSMNR70-40SSH NEXPERIA-PSMNR70-40SSH Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Mô tả tương tự - PSMNR70-40SSH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PSMN0R7-25YLD PHILIPS-PSMN0R7-25YLD_15 Datasheet
237Kb / 10P
N-channel 25 V, 0.7 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
15 April 2015
logo
Nexperia B.V. All right...
BUK7S1R2-40H NEXPERIA-BUK7S1R2-40H Datasheet
331Kb / 13P
N-channel 40 V, 1.2 mΩ standard level MOSFET in LFPAK88
28 September 2022
BUK7S1R0-40H NEXPERIA-BUK7S1R0-40H Datasheet
329Kb / 13P
N-channel 40 V, 1.0 mΩ standard level MOSFET in LFPAK88
28 March 2022
BUK7S0R7-40H NEXPERIA-BUK7S0R7-40H Datasheet
317Kb / 13P
N-channel 40 V, 0.7 mΩ standard level MOSFET in LFPAK88
2 May 2019
BUK7S1R5-40H NEXPERIA-BUK7S1R5-40H Datasheet
325Kb / 13P
N-channel 40 V, 1.5 mΩ standard level MOSFET in LFPAK88
6 August 2020
PSMN1R0-40SSH NEXPERIA-PSMN1R0-40SSH Datasheet
327Kb / 13P
N-channel 40 V, 1 mΩ, 325 Amps continuous, standard level MOSFET in LFPAK88 using NextPowerS3 Technology
1 May 2019
PSMN4R3-40MSH NEXPERIA-PSMN4R3-40MSH Datasheet
303Kb / 12P
N-channel 40 V, 4.3 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
27 April 2020
PSMN6R7-40MSD NEXPERIA-PSMN6R7-40MSD Datasheet
311Kb / 12P
N-channel 40 V, 6.7 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
11 November 2019
PSMNR55-40SSH NEXPERIA-PSMNR55-40SSH Datasheet
332Kb / 14P
N-channel 40 V, 0.55 mOhm, 500 Amps continuous, standard level MOSFET in LFPAK88 using NextPowerS3 Technology
6 April 2021
PSMNR60-25YLH NEXPERIA-PSMNR60-25YLH Datasheet
308Kb / 13P
N-channel 25 V, 0.7 mΩ, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 technology
30 September 2019
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com