công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H2201DAPTSEP bảng dữ liệu (PDF) - Texas Instruments

PTPS7H2201DAPTSEP Datasheet PDF - Texas Instruments
tên linh kiện PTPS7H2201DAPTSEP
tải về  PTPS7H2201DAPTSEP tải về
kích thước tập tin   2744.87 Kbytes
Page   49 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse

PTPS7H2201DAPTSEP Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PTPS7H2201DAPTSEP Datasheet PDF - Texas Instruments

tên linh kiện PTPS7H2201DAPTSEP
tải về  PTPS7H2201DAPTSEP Click to download

kích thước tập tin   2744.87 Kbytes
Page   49 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse

PTPS7H2201DAPTSEP bảng dữ liệu (HTML) - Texas Instruments


PTPS7H2201DAPTSEP Thông tin chi tiết sản phẩm

1 Features
• Standard micro circuit available, SMD
5962R17220
• Vendor item drawing available, VID V62/23608
• Radiation performance:
– Radiation hardness assurance (RHA) up to TID
100 krad(Si)
– Single event latchup (SEL), single event
burnout (SEB), and single event gate rupture
(SEGR) immune to LET = 75 MeV-cm2/mg
– SEFI/SET characterized to
LET = 75 MeV-cm2/mg
• Integrated single channel eFuse
• Input voltage range: 1.5 V to 7 V
• Low on-resistance (RON) of :
– 35-mΩ maximum at 25°C and VIN = 5 V for
CFP and KGD
– 21.8-mΩ maximum at 25°C and VIN = 5 V for
HTSSOP
• 6-A maximum continuous switch current
• Low control input threshold enables use of
1.2-, 1.8-, 2.5-, and 3.3-V logic
• Configurable rise time (soft start)
• Reverse current protection
• Programmable and internal current limiting
(fast-trip)
• Programmable fault timer (current limit and
retry modes)
• Thermal shutdown
• Ceramic and plastic package with thermal pad

2 Applications
• Space satellite power management and
distribution
• Radiation hardened and tolerant power tree
applications
• Available in military (–55°C to 125°C) temperature
range

3 Description
The TPS7H2201 is a single channel eFuse that
provides configurable rise time to minimize inrush
current and reverse current protection. The device
contains a P-channel MOSFET that can operate over
an input voltage range of 1.5 V to 7 V and can support
a maximum continuous current of 6 A. The switch
is controlled by an on and off input (EN), which is
capable of interfacing directly with low-voltage control
signals.
The TPS7H2201 is available in a ceramic and plastic
package with integrated thermal pad allowing for high
power dissipation. The device is characterized for
operation over the free-air temperature range of
–55°C to 125°C.




Số phần tương tự - PTPS7H2201DAPTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PTPS7H2201DAPTSEP TI1-PTPS7H2201DAPTSEP Datasheet
2Mb / 51P
TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5V to 7V, 6A eFuse
MARCH 2024
More results


Mô tả tương tự - PTPS7H2201DAPTSEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H2201-SP TI1-TPS7H2201-SP Datasheet
916Kb / 31P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_19 Datasheet
1Mb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
TPS7H2201-SP TI-TPS7H2201-SP_V01 Datasheet
1Mb / 40P
TPS7H2201-SP Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
MAY 2019
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com