công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IDT74FCT540CTPYB bảng dữ liệu (PDF) - Integrated Device Technology

IDT74FCT540CTPYB Datasheet PDF - Integrated Device Technology
tên linh kiện IDT74FCT540CTPYB
tải về  IDT74FCT540CTPYB tải về
kích thước tập tin   230.11 Kbytes
Page   9 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT74FCT540CTPYB Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
IDT74FCT540CTPYB Datasheet PDF - Integrated Device Technology

tên linh kiện IDT74FCT540CTPYB
tải về  IDT74FCT540CTPYB Click to download

kích thước tập tin   230.11 Kbytes
Page   9 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT74FCT540CTPYB bảng dữ liệu (HTML) - Integrated Device Technology


IDT74FCT540CTPYB Thông tin chi tiết sản phẩm

FEATURES:
• Common features:
– Low input and output leakage £1mA (max.)
– CMOS power levels
– True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
– Meets or exceeds JEDEC standard 18 specifications
– Product available in Radiation Tolerant and Radiation
Enhanced versions
– Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
– Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT240T/FCT244T/FCT540T/FCT541T:
– Std., A, C and D speed grades
– High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2240T/FCT2244T/FCT2541T:
– Std., A and C speed grades
– Resistor outputs (-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
– Reduced system switching noise

DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced
dual metal CMOS technology. The FCT240T/FCT2240T and
FCT244T/FCT2244T are designed to be employed as memory
and address drivers, clock drivers and bus-oriented transmitter/
receivers which provide improved board density.
The FCT540T and FCT541T/FCT2541T are similar in
function to the FCT240T/FCT2240T and FCT244T/FCT2244T,
respectively, except that the inputs and outputs are on opposite
sides of the package. This pinout arrangement makes
these devices especially useful as output ports for microprocessors
and as backplane drivers, allowing ease of layout and
greater board density.
The FCT2240T, FCT2244T and FCT2541T have balanced
output drive with current limiting resistors. This offers low
ground bounce, minimal undershoot and controlled output fall
times-reducing the need for external series terminating resistors.
FCT2xxxT parts are plug-in replacements for FCTxxxT
parts.




Số phần tương tự - IDT74FCT540CTPYB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT74FCT540CTPY IDT-IDT74FCT540CTPY Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540CTPYG IDT-IDT74FCT540CTPYG Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Mô tả tương tự - IDT74FCT540CTPYB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results




Giới thiệu về Integrated Device Technology


Công nghệ thiết bị tích hợp (IDT) là một công ty Mỹ chuyên thiết kế và sản xuất các giải pháp bán dẫn tín hiệu hỗn hợp.
Công ty được thành lập vào năm 1980 và có trụ sở tại San Jose, California.
IDT cung cấp một loạt các sản phẩm bao gồm các giải pháp đồng hồ và thời gian, giao diện bộ nhớ và các sản phẩm logic kỹ thuật số.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như điện toán, viễn thông và tự động hóa công nghiệp.
IDT được biết đến với chuyên môn về công nghệ bán dẫn tín hiệu hỗn hợp và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp bán dẫn tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, IDT còn cung cấp các giải pháp cho thị trường ô tô, trung tâm dữ liệu và Internet of Things (IoT).

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com