công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS2630DR bảng dữ liệu (PDF) - Texas Instruments

THS2630DR Datasheet PDF - Texas Instruments
tên linh kiện THS2630DR
tải về  THS2630DR tải về
kích thước tập tin   2146.03 Kbytes
Page   36 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện THS2630 High-Speed, Low-Noise, Fully Differential I/O Amplifier

THS2630DR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
THS2630DR Datasheet PDF - Texas Instruments

tên linh kiện THS2630DR
tải về  THS2630DR Click to download

kích thước tập tin   2146.03 Kbytes
Page   36 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện THS2630 High-Speed, Low-Noise, Fully Differential I/O Amplifier

THS2630DR bảng dữ liệu (HTML) - Texas Instruments


THS2630DR Thông tin chi tiết sản phẩm

1 Features
• High performance
– Bandwidth: 187MHz (VCC = ±15 V, G = 1 V/V)
– Slew rate: 75 V/μs
– Gain bandwidth product: 245 MHz
– Distortion: –108 dBc THD at 2 VPP, 250 kHz
• Voltage noise
– 1/f voltage noise corner: 85 Hz
– 1.1 nV/√Hz input-referred noise
• Single supply operating range: 5 V to 35 V
• Quiescent current (shutdown): 770 μA
(THS2630S)

2 Applications
• Single-ended to differential conversion
• Differential ADC driver
• Differential antialiasing
• Differential transmitter and receiver
• Output level shifter
• Medical ultrasound

3 Description
The THS2630 is one in a family of fully differentialinput
and differential-output devices fabricated using
Texas Instruments state-of-the-art, high voltage,
complementary bipolar process.
The THS2630 uses a true fully differential signal
path from input to output, and has a high supply
capability of up to ±17.5 V. This design leads to
excellent common-mode noise rejection (95 dB at
800 kHz) and total harmonic distortion (−108 dBc
at 2 VPP, 250 kHz). The wide supply range allows
high-voltage differential signal chains to benefit from
the improved headroom and dynamic range without
adding separate amplifiers for each polarity of the
differential signal.
The THS2630 is characterized for operation over the
wide temperature range of –40°C to +85°C.




Số phần tương tự - THS2630DR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS2630 TI1-THS2630 Datasheet
1Mb / 31P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
THS2630 TI-THS2630 Datasheet
1Mb / 32P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Mô tả tương tự - THS2630DR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI1-THS2630 Datasheet
1Mb / 31P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com