công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2980IM5-ADJ/NOM3 bảng dữ liệu (PDF) - Texas Instruments

LP2980IM5-ADJ/NOM3 Datasheet PDF - Texas Instruments
tên linh kiện LP2980IM5-ADJ/NOM3
tải về  LP2980IM5-ADJ/NOM3 tải về
kích thước tập tin   2431.53 Kbytes
Page   37 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator

LP2980IM5-ADJ/NOM3 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LP2980IM5-ADJ/NOM3 Datasheet PDF - Texas Instruments

tên linh kiện LP2980IM5-ADJ/NOM3
tải về  LP2980IM5-ADJ/NOM3 Click to download

kích thước tập tin   2431.53 Kbytes
Page   37 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator

LP2980IM5-ADJ/NOM3 bảng dữ liệu (HTML) - Texas Instruments


LP2980IM5-ADJ/NOM3 Thông tin chi tiết sản phẩm

1 Features
• VIN range:
– Legacy chip: 2.2 V to 16 V
– New chip: 2.5 V to 16V
• VOUT range:
– Legacy chip: 1.23 V to 15.0 V
– New chip: 1.2 V to 15.0 V
• VOUT(typ) accuracy:
– Legacy chip: ±1%
– New chip: ±0.5%
• Output accuracy over load and temperature:
– Legacy chip: ±3.5%
– New chip: ±1%
• Output current: Up to 50 mA
• Quiescent current, low IQ (new chip):
– 55 μA at ILOAD = 0 mA
– 350 μA at ILOAD = 50 mA
• Shutdown current over temperature:
– Legacy chip: < 1 μA
– New chip: ≤ 0.8 μA
• Output current limiting and thermal protection
• Stable with 2.2-μF ceramic capacitors (new chip)
• High PSRR (new chip):
– 70 dB at 1 kHz, 42 dB at 1 MHz
• Operating junction temperature: –40°C to +125°C
• Package: 5-pin SOT-23 (DBV)

2 Applications
• Residential breakers
• Solid state drives (SSD)
• Electricity meters
• Appliances
• Building automation

3 Description
The LP2980-ADJ is an adjustable-output, wide-input,
low-dropout voltage regulator supporting an input
voltage range up to 16 V and up to 50 mA of load
current. The LP2980-ADJ supports an output range
of 1.2 V to 15.0 V (new chip) and 1.23 V to 15.0 V
(legacy chip).
Additionally, the LP2980-ADJ (new chip) has a 1%
output accuracy across load and temperature that
can meet the needs of low-voltage microcontrollers
(MCUs) and processors.
In the new chip, wide bandwidth PSRR performance
of greater than 70 dB at 1 kHz and 45 dB at
1 MHz helps attenuate the switching frequency of
an upstream DC/DC converter and minimize post
regulator filtering.
The internal soft-start time and current-limit protection
reduce inrush current during start up, thus minimizing
input capacitance. Standard protection features, such
as overcurrent and overtemperature protection, are
included.
The LP2980-ADJ is available in a 5-pin, 2.9-mm ×
1.6-mm SOT-23 (DBV) package.




Số phần tương tự - LP2980IM5-ADJ/NOM3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP2980IM5-ADJ/NOPB TI1-LP2980IM5-ADJ/NOPB Datasheet
945Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
More results


Mô tả tương tự - LP2980IM5-ADJ/NOM3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-ADJ TI1-LP2980IM5-ADJ Datasheet
945Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com