công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE439A2RTER bảng dữ liệu (PDF) - Texas Instruments

AFE439A2RTER Datasheet PDF - Texas Instruments
tên linh kiện AFE439A2RTER
tải về  AFE439A2RTER tải về
kích thước tập tin   2803.77 Kbytes
Page   69 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output

AFE439A2RTER Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AFE439A2RTER Datasheet PDF - Texas Instruments

tên linh kiện AFE439A2RTER
tải về  AFE439A2RTER Click to download

kích thước tập tin   2803.77 Kbytes
Page   69 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output

AFE439A2RTER bảng dữ liệu (HTML) - Texas Instruments


AFE439A2RTER Thông tin chi tiết sản phẩm

1 Features
• Integrated proportional-integral (PI) control
– Standalone operation from nonvolatile memory
(NVM)
– Programmable proportional and integral gain
– Comparator input for output clamping
– Programmable min, max, and common-mode
values for output
– Programmable loop-phase inversion
• AFE639D2
– I2C controller for external digital temperature
sensor interface
– 12-bit DAC output: 4-LSB DNL, 1-LSB DNL
• AFE539A4
– 10-bit ADC input: 2-LSB INL, 1-LSB DNL
– 10-bit DAC output: 1-LSB INL and DNL
• AFE439A2
– 8-bit ADC input: 1-LSB INL and DNL
– 7-bit duty-cycle PWM output
• Programmable comparator for fault management
• High impedance output on DAC channel when
VDD is off
• Automatically detects I2C or SPI
– 1.62-V VIH with VDD = 5.5 V
• VREF/MODE pin selects between programming
and standalone modes
• User-programmable NVM
• Internal, external, or power supply as reference
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40˚C to +125˚C
• Tiny package: 16-pin WQFN (3 mm × 3 mm)

2 Applications
• Laser
• Chemistry and gas analyzer
• Mechanically scanning LIDAR
• Robot sensing module
• Mobile robot sensing module
• Seeker front end

3 Description
The 8-bit AFE439A2, 10-bit AFE539A4, and 12-bit
AFE639D2 (AFEx39xx) are smart analog front ends
(AFE) for thermoelectric cooling (TEC) control using
voltage or PWM output. The AFE639D2 supports an
I2C controller interface to interface with external digital
temperature sensors. The AFE639D2 and AFE539A4
support voltage output and AFE439A2 supports PWM
output. The AFEx39xx support a comparator channel
for fault management. These devices also support
Hi-Z power-down mode and Hi-Z output on the DAC
channel during power off. These devices have an
integrated state machine that is preprogrammed as
a proportional-integral (PI) controller. The AFEx39xx
are an excellent choice for TEC control, temperature
control, and dynamic headroom control applications.
The AFEx39xx integrate advanced features, internal
reference, and NVM that enable this smart AFE for
processor-less applications and design reuse.




Số phần tương tự - AFE439A2RTER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AFE43902-Q1 TI1-AFE43902-Q1 Datasheet
2Mb / 65P
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023
AFE43902RTERQ1 TI1-AFE43902RTERQ1 Datasheet
2Mb / 65P
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023
More results


Mô tả tương tự - AFE439A2RTER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Microchip Technology
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Texas Instruments
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Texas Instruments
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
AFE539F1-Q1 TI1-AFE539F1-Q1 Datasheet
1Mb / 48P
AFE539F1-Q1 Automotive, 10-Bit Smart Analog Front End for Constant Power Discharge With PWM Output
JULY 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com