công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9614AGQW bảng dữ liệu (PDF) - Richtek Technology Corporation

RT9614AGQW Datasheet PDF - Richtek Technology Corporation
tên linh kiện RT9614AGQW
tải về  RT9614AGQW tải về
kích thước tập tin   268.35 Kbytes
Page   19 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện Single Phase Synchronous Rectified Buck MOSFET Driver

RT9614AGQW Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RT9614AGQW Datasheet PDF - Richtek Technology Corporation

tên linh kiện RT9614AGQW
tải về  RT9614AGQW Click to download

kích thước tập tin   268.35 Kbytes
Page   19 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện Single Phase Synchronous Rectified Buck MOSFET Driver

RT9614AGQW bảng dữ liệu (HTML) - Richtek Technology Corporation


RT9614AGQW Thông tin chi tiết sản phẩm

General Description
The RT9614A is a dual N-Channel MOSFETs driver for
synchronous-rectified buck converter. Besides, the power
switch is already integrated in this driver to replace external
bootstrap diode for reducing system cost and complexity,
while allowing the use of higher performance MOSFETs.
The RT9614A is a high performance driver that is capable
to drive high/low-side MOSFETs with high speed switching
frequency and consuming few of power dissipation.
Besides, the operating voltage matches the 30V
breakdown voltage of the MOSFET which makes the
applications of the RT9614A are more flexible and
extensive.
The RT9614A features 4.5V to 13.2V gate driver voltage
provided by VCC pin. Further, the RT9614A offers around
30ns propagation delay time for high/low side MOSFETs
and 1.1&! sink impedance on low-side gate driver to ensure
no shoot-through power loss caused by high dV/dt phase
node transitions. By using RT9614A. MOSFET gates can
be efficiently switched up to 1MHz and the gate drivers
have the capability to drive up to 3nF load. Hence, the
RT9614A suits to variety of high-input voltage, high-current
and single or multi-phase DC to DC converter applications,
such as CPcore voltage and VGA suppliers.

Features
 Shoot Through Protection
 Embedded Bootstrap Diode
 Up to 500kHz Operating Frequency
 Fast Rising and Falling Time
 Tri-State PWM Input
 Enable Control
 Pre-OVP Protection
 8-Lead WDFN Package
 RoHS Compliant and Halogen Free

Applications
 Desktop, Systems
 VGA Card




Số phần tương tự - RT9614AGQW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9610A RICHTEK-RT9610A Datasheet
176Kb / 15P
High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610AGQW RICHTEK-RT9610AGQW Datasheet
176Kb / 15P
High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610AZQW RICHTEK-RT9610AZQW Datasheet
176Kb / 15P
High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610BGQW RICHTEK-RT9610BGQW Datasheet
176Kb / 15P
High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610BZQW RICHTEK-RT9610BZQW Datasheet
176Kb / 15P
High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
More results


Mô tả tương tự - RT9614AGQW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D_15 Datasheet
153Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624G RICHTEK-RT9624G Datasheet
164Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com