|
FEATURES
Core
ARM® Cortex® -M0 core running up to 48/72 MHz by internal RC oscillator optioned
from ROMMAP
One 24-bit system timer
Supports low power Idle mode
A single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-level of priority
Supports Serial Wire Debug (SWD) interface and two watch points/four
breakpoints
Built-in LDO for wide operating voltage ranged: 2.2 V to 5.5 V
Memory
64 Kbytes Flash memory for program memory (APROM)
Configurable Flash memory for data memory (Data Flash)
7.5 KB Flash memory for loader (LDROM)
Three 0.5 KB Flash memory for security protection (SPROM0, 1, 2)
16 KB SRAM for internal scratch-pad RAM (SRAM)
Clock Control
Programmable system clock source
Switch clock sources on-the-fly
4 ~ 24 MHz external crystal input (HXT)
32.768 kHz external crystal input (LXT) for idle wake-up and system operation
clock
48(72) MHz internal oscillator (HIRC) (1% accuracy at 250C, 5V)
10 kHz internal low-power oscillator (LIRC) for Watchdog Timer and idle wake-up
I/O Port
Up to 44 general-purpose I/O (GPIO) pads and 1 Reset pad
Four I/O modes:
Quasi-bidirectional input/output
Push-Pull output
Open-Drain output
Input only with high impendence
Optional TTL/Schmitt trigger input
I/O pin can be configured as interrupt source with edge/level setting
Supports high driver and high sink I/O mode
GPIO built-in Pull-up/Pull-low resistor for selection.
Timer
Provides four channel 32-bit Timers; one 8-bit pre-scalar counter with 24-bit uptimer
for each timer
Independent clock source for each timer
Provides One-shot, Periodic, Toggle and Continuous operation modes
24-bit up counter value is readable through TDR (Timer Data Register)
Provides trigger counting/free counting/counter reset function triggered by
external capture pin or internal comparator signal
Supports event counter function
Supports Toggle Output mode
Supports wake-up from Idle or Power-down mode
Continuous Capture
Timer0, Timer1, Timer2, Timer3 and Systick provided with continuous capture
function to capture at most 4 edges continuously on one signal
ECAP (Enhanced Input Capture)
One units of 24-bit input capture counter
Capture surce:
I/O inputs: ECAP ports(ECAP0, ECAP1 and ECAP2)
ACMP Trigger
ADC Trigger
QEI (Quadrature Encoder Interface)
One unit of Quadrature Encoder Interface with 3 inputs QEI_A, QEI_B and IDX
WDT (Watchdog Timer)
Programmable clock source and time-out period
Supports wake-up function in Power-down mode and Idle mode
Interrupt or reset selectable on watchdog time-out
EPWM
Supports a built-in 16-bit PWM clock generators, providing SIX PWM outputs or
three complementary paired PWM outputs
Shared same as clock source, clock divider, period and dead-zone generator
Supports group/independent/complementary modes
Supports One-shot or Auto-reload mode
Supports Edge-aligned and Center-aligned type
Supports Asymmetric mode
Programmable dead-zone insertion between complementary channels
Each output has independent polarity setting control
Hardware fault brake and software brake protections
Support three of hardware Brake pin
Supports rising, falling, central, period, and fault break interrupts
Supports duty/period trigger A/D conversion
Timer comparing matching event trigger PWM to do phase change
Supports comparator event trigger PWM to force PWM output low for current
period
Provides interrupt accumulation function
BPWM
One 16-bit PWM generator which supports one 8-bit pre-scalar, one clock divider,
two PWM timers (down counter) and one dead-zone generator
Two independent outputs or one complementary paired outputs.
PWM Interrupt request synchronized with PWM period
Edge-aligned type or Center-aligned type option
USCI (Universal Serial Control Interface Controller)
Three USCI devices
USCI0 & USCI1 Supports to be configured as UART, SPI or I²C individually
USCI2 Supports to be configured as UART and I²C individually
Supports programmable baud-rate generator
ADC (Analog-to-Digital Converter)
12-bit ADC with 1us conversion time
Supports 2 sample/hold
Up to 16-ch single-end input from I/O and one internal input from band-gap.
Conversion started either by software trigger, PWM trigger, ACMP trigger or
external pin trigger
Supports temperature sensor for measurement chip temperature
Supports Simultaneous and Sequential function to continuous conversion 4
channels maximum.
Programmable Gain Amplifier (PGA)
Supports 8 level gain selects from 1, 2, 3, 5, 7, 9, 11 and 13.
Unity gain frequency up to 6 MHz
OP Amplifier
Rail-to-rail OPA x 3
DAC
Built-in two of 12-bit DAC,
Be the reference voltage for ACMP, PGA, ADC or output to pins.
Analog Comparator
Two analog comparators with 4 reference voltage source
Programmable 16-level resistor ladders (CRV)
Built-in 12-bit DAC for comparator reference voltage
Band-gap voltage
External voltage from port pin
Supports Hysteresis function 0/20/90/150mV at VDD = 5V
Interrupt when compared results changed
Hardware Divider
Signed (two’s complement) integer calculation
32-bit dividend with 16-bit divisor calculation capacity
32-bit quotient and 32-bit remainder outputs (16-bit remainder with sign extends
to 32-bit)
Divided by zero warning flag
6 HCLK clocks taken for one cycle calculation
Waiting for calculation ready automatically when reading quotient and remainder
Support 3 group of independent dividend, divisor, quotient and remainder
registers for three times of calculation capacity
ISP (In-System Programming) and ICP (In-Circuit Programming)
BOD (Brown-out Detector)
8 programmable threshold levels: 4.3V/4.0V/3.7V/3.0V/2.7V/2.4V/2.2V/2.0V
Supports Brown-out interrupt and reset option
96-bit unique ID
LVR (Low Voltage Reset)
Operating Temperature: -40℃~105℃
Reliability: EFT > ± 4KV, ESD HBM pass 4KV
Packages:
48-pin LQFP(7x7mm), 48-pin QFN(7x7mm)
Package is Halogen-free, RoHS-compliant and TSCA-compliant.
|