công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16646DGG bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

74ALVCH16646DGG Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện 74ALVCH16646DGG
tải về  74ALVCH16646DGG tải về
kích thước tập tin   250.76 Kbytes
Page   17 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 16-bit bus transceiver/register; 3-state

74ALVCH16646DGG Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
74ALVCH16646DGG Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện 74ALVCH16646DGG
tải về  74ALVCH16646DGG Click to download

kích thước tập tin   250.76 Kbytes
Page   17 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 16-bit bus transceiver/register; 3-state

74ALVCH16646DGG bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


74ALVCH16646DGG Thông tin chi tiết sản phẩm

1. General description
The 74ALVCH16646 consists of 16 non-inverting bus transceiver circuits with 3-state outputs,
D-type flip-flops and control circuitry arranged for multiplexed transmission of data directly from
the internal registers. Data on the ‘A’ or ‘B’ bus will be clocked in the internal registers, as the
appropriate clock (nCPAB or nCPBA) goes to a HIGH logic level. Output enable (nOE) and
direction (nDIR) inputs are provided to control the transceiver function. In the transceiver mode,
data present at the high-impedance port may be stored in either the ‘A’ or ‘B’ register, or in both.
The select source inputs (nSAB and nSBA) can multiplex stored and real-time (transparent mode)
data. The direction (nDIR) input determines which bus will receive data when nOE is active (LOW).
In the isolation mode (nOE = HIGH), ‘A’ data may be stored in the ‘B’ register and/or ‘B’ data may
be stored in the ‘A’ register.
When an output function is disabled, the input function is still enabled and may be used to store
and transmit data. Only one of the two buses, ‘A’ or ‘B’ may be driven at a time.
To ensure the high impedance state during power up or power down, nOE should be tied to VCC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking/
current-sourcing capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
2. Features and benefits
• Wide supply voltage range of 2.3 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ±24 mA at VCC = 3.0 V.
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimize noise and ground bounce
• All data inputs have bushold
• Output drive capability 50 Ω transmission lines at 85 °C
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Số phần tương tự - 74ALVCH16646DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16646DGG PHILIPS-74ALVCH16646DGG Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Texas Instruments
74ALVCH16646DGGRE4 TI1-74ALVCH16646DGGRE4 Datasheet
397Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGGRG4 TI1-74ALVCH16646DGGRG4 Datasheet
397Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGGRG4 TI2-74ALVCH16646DGGRG4 Datasheet
780Kb / 25P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2004
More results


Mô tả tương tự - 74ALVCH16646DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
16-bit bus transceiver/register (3-State)
1998 Sep 03
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
3.3 V 16-bit bus transceiver/register; 3-state
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com