công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16600DGG bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

74ALVCH16600DGG Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện 74ALVCH16600DGG
tải về  74ALVCH16600DGG tải về
kích thước tập tin   210.57 Kbytes
Page   17 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 18-bit universal bus transceiver; 3-state

74ALVCH16600DGG Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
74ALVCH16600DGG Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện 74ALVCH16600DGG
tải về  74ALVCH16600DGG Click to download

kích thước tập tin   210.57 Kbytes
Page   17 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 18-bit universal bus transceiver; 3-state

74ALVCH16600DGG bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


74ALVCH16600DGG Thông tin chi tiết sản phẩm

1 General description
The 74ALVCH16600 is an 18-bit universal transceiver featuring non-inverting 3-state
bus compatible outputs in both send and receive directions. Data flow in each direction
is controlled by output enable (OEAB and OEBA), latch enable (LEAB and LEBA),
and clock (CPAB and CPBA) inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is HIGH. When LEAB is LOW, the A data is latched if
CPAB is held at a HIGH or LOW logic level. If LEAB is LOW, the A-bus data is stored in
the flip-flop on the HIGH-to-LOW transition of CPAB. When OEAB is LOW, the outputs
are active. When OEAB is HIGH, the outputs are in the high-impedance state. The HIGH
clock can be controlled with the clock-enable inputs (CEBA and CEAB).
Data flow for B-to-A is similar to that of A-to-B, but uses OEBA, LEBA and CPBA.
To ensure the high impedance state during power up or power down, OEBA and OEAB
should be tied to VCC through a pullup resistor; the minimum value of the resistor is
determined by the current-sinking/current-sourcing capability of the driver.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
2 Features and benefits
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Bus hold on data inputs
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Số phần tương tự - 74ALVCH16600DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1999 Nov 23
More results


Mô tả tương tự - 74ALVCH16600DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com