công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AVCH4T245 bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

74AVCH4T245 Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện 74AVCH4T245
tải về  74AVCH4T245 tải về
kích thước tập tin   847.36 Kbytes
Page   29 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVCH4T245 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
74AVCH4T245 Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện 74AVCH4T245
tải về  74AVCH4T245 Click to download

kích thước tập tin   847.36 Kbytes
Page   29 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVCH4T245 bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


74AVCH4T245 Thông tin chi tiết sản phẩm

1. General description
The 74AVCH4T245 is a 4-bit, dual supply transceiver that enables bidirectional level
translation. The device can be used as two 2-bit transceivers or as a 4-bit transceiver. It
features two 2-bit input-output ports (nAn and nBn), a direction control input (nDIR), a
output enable input (nOE) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and
VCC(B) can be supplied at any voltage between 0.8 V and 3.6 V making the device suitable
for translating between any of the low voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and
3.3 V). Pins nAn, nOE and nDIR are referenced to VCC(A) and pins nBn are referenced to
VCC(B). A HIGH on nDIR allows transmission from nAn to nBn and a LOW on nDIR allows
transmission from nBn to nAn. The output enable input (nOE) can be used to disable the
outputs so the buses are effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing any damaging backflow current through the
device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at
GND level, both nAn and nBn outputs are in the high-impedance OFF-state. The bus hold
circuitry on the powered-up side always stays active.
The 74AVCH4T245 has active bus hold circuitry which is provided to hold unused or
floating data inputs at a valid logic level. This feature eliminates the need for external
pull-up or pull-down resistors.
2. Features and benefits
 Wide supply voltage range:
 VCC(A): 0.8 V to 3.6 V
 VCC(B): 0.8 V to 3.6 V
 Complies with JEDEC standards:
 JESD8-12 (0.8 V to 1.3 V)
 JESD8-11 (0.9 V to 1.65 V)
 JESD8-7 (1.2 V to 1.95 V)
 JESD8-5 (1.8 V to 2.7 V)
 JESD8-B (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114E Class 3B exceeds 8000 V
 MM JESD22-A115-A exceeds 200 V
 CDM JESD22-C101C exceeds 1000 V
 Maximum data rates:
 380 Mbit/s ( 1.8 V to 3.3 V translation)
 200 Mbit/s ( 1.1 V to 3.3 V translation)
 200 Mbit/s ( 1.1 V to 2.5 V translation)
 200 Mbit/s ( 1.1 V to 1.8 V translation)
 150 Mbit/s ( 1.1 V to 1.5 V translation)
 100 Mbit/s ( 1.1 V to 1.2 V translation)
 Suspend mode
 Bus hold on data inputs
 Latch-up performance exceeds 100 mA per JESD 78 Class II
 Inputs accept voltages up to 3.6 V
 IOFF circuitry provides partial Power-down mode operation
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C




Số phần tương tự - 74AVCH4T245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245BQ NXP-74AVCH4T245BQ Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245D NXP-74AVCH4T245D Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
More results


Mô tả tương tự - 74AVCH4T245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com