công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ED-2-2-271 bảng dữ liệu (PDF) - Highly Electric Co., Ltd

ED-2-2-271 Datasheet PDF - Highly Electric Co., Ltd
tên linh kiện ED-2-2-271
tải về  ED-2-2-271 tải về
kích thước tập tin   2905.71 Kbytes
Page   8 Pages
nhà sản xuất  HIGHLY [Highly Electric Co., Ltd]
Trang chủ  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd
Giải thích chi tiết về linh kiện ED SERIES SAFETY LIMIT SWITCH

ED-2-2-271 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ED-2-2-271 Datasheet PDF - Highly Electric Co., Ltd

tên linh kiện ED-2-2-271
tải về  ED-2-2-271 Click to download

kích thước tập tin   2905.71 Kbytes
Page   8 Pages
nhà sản xuất  HIGHLY [Highly Electric Co., Ltd]
Trang chủ  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd
Giải thích chi tiết về linh kiện ED SERIES SAFETY LIMIT SWITCH

ED-2-2-271 bảng dữ liệu (HTML) - Highly Electric Co., Ltd


ED-2-2-271 Thông tin chi tiết sản phẩm

Description
The ED series safety limit switches conform to EN 50047 and have been developed to provide a range of options including plastic
cases in various sizes, a choice of snap acting, slow break/make with 2 contact configurations and a choice of actuator heads.
The ED series offers the option of rotating the head in 90° increments before installation to allow ease of mounting.
Highly limit switches can be used in other applications other than guard doors, for example on moving machine beds, crane arms,
lifts, elevators, etc.
Operation of these limit switches is achieved by the sliding action of the guard or other moving object deflecting the plunger or lever.
For safety applications it is important that upon actuation, the guard or other moving objects should not pass completely over the
switch and allow the plunger or lever to return to its original position.

Features
•Conforms to EN (TUV) standards corresponding to the CE marking
•Positive opening operation of NC (Normally Closed) contacts conforming to
IEC /EN 60947-5-1
•Double insulation makes ground terminal unnecessary
(Bears marking)
•Wide standard operating temperature range: -25°C to 80°C
•Full range of actuator heads and levers suitable for safety applications
•Sealing up to IP 67
•Wide switch variations, (Snap action and slow action basic switches)
•International conduit sizes




Số phần tương tự - ED-2-2-271

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Black Box Registered Tr...
ED-204 BLACKBOX-ED-204 Datasheet
1Mb / 6P
ED-204 Ethernet to Digital I/O RS232 Switch
logo
Brainboxes Limited
ED-204 BRAINBOXE-ED-204 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
logo
Knowles Electronics
ED-21912-000 KNOWLES-ED-21912-000 Datasheet
102Kb / 2P
RECEIVER OUTLINE DRAWING
C
ED-23146-000 KNOWLES-ED-23146-000 Datasheet
106Kb / 2P
RECEIVER OUTLINE DRAWING
12-27-05
ED-26805-000 KNOWLES-ED-26805-000 Datasheet
943Kb / 2P
Balanced Armature Driver
More results


Mô tả tương tự - ED-2-2-271

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
EFM-L-3-20 HIGHLY-EFM-L-3-20 Datasheet
1Mb / 4P
EFM SERIES MINIATURE METAL SAFETY LIMIT SWITCH
EP-1-1-20 HIGHLY-EP-1-1-20 Datasheet
1Mb / 4P
EP SERIES SAFETY LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com