| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Wurth Elektronik GmbH &... |
173010578
|
572Kb / 12P |
Fixed Step Down Regulator Module
|
|
173950336
|
2Mb / 36P |
FDSM ??Fixed Step Down Regulator Module
1.0 |
|
WPMDL110XXX1S
|
572Kb / 12P |
MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output
Rev. 1.0 |
|
17301XX35
|
5Mb / 42P |
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0 |
|
17395XX36
|
5Mb / 42P |
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0 |
|
1769205X41
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1769405X41
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1779205X11
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0 |
|
1779205X41
|
2Mb / 35P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1779405X11
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0 |