|
FEATURES
5 x RJ45 ports, 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
crossover
30 W
Total PoE Power 60 W
Budget (at PSE)
PoE Max Power
per Port (at PSE)
Power consumption Idle: 0.8 W / Max: 2.2 W / PoE Max: 106 W
802.3af and 802.3at
PoE ports Port 1 - 4
PoE standards
2K entries
Bandwidth (Non-blocking) 10 Gbps
MAC address table size
Jumbo frame support 9216 bytes
Packet buffer 128 KB
ETHERNET
LAN
PoE OUT
PERFORMANCE SPECIFICATIONS
Maximum Ethernet 100 m
cable length
2-pin industrial DC power socket
9 - 30 VDC
Connector
Input voltage range
Input voltage range for PoE 9 - 30 VDC
POWER
Power 1 x 2-pin industrial DC power socket
5 x RJ45 ports, 10/100/1000 Mbps
1 x Power LED, 10 x ETHERNET status LED’s
Ethernet
Status LEDs
PHYSICAL INTERFACES (PORTS, LEDS, ANTENNAS, BUTTONS, SIM)
-40 °C to +75 °C
10 % to 90 % non-condensing
Operating temperature
Operating humidity
OPERATING ENVIRONMENT
Standards EN IEC 62368-1:2020+A11:2020
SAFETY
CE, REACH, RoHS, WEEE
TSW101 CE
TSW101 UKCA
TSW101 FCC
TSW101 IC
TSW101 CB
TSW101 RCM
E-Mark
Regulatory
CERTIFICATION & APPROVALS
Ingress Protection Rating IP30
Grounding 1 x Grounding screw
Weight 354 g
Aluminum housing
115 x 32 x 95 mm
Casing material
Dimensions (W x H x D)
PHYSICAL SPECIFICATION
Mounting options DIN rail or wall mounting (additional kit needed), flat surface placement
|