công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3A4052PW bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

XS3A4052PW Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện XS3A4052PW
tải về  XS3A4052PW tải về
kích thước tập tin   312.54 Kbytes
Page   20 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện Low-ohmic dual-pole quad-throw analog switch

XS3A4052PW Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
XS3A4052PW Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện XS3A4052PW
tải về  XS3A4052PW Click to download

kích thước tập tin   312.54 Kbytes
Page   20 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện Low-ohmic dual-pole quad-throw analog switch

XS3A4052PW bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


XS3A4052PW Thông tin chi tiết sản phẩm

1. General description
The XS3A4052 is a low-ohmic dual-pole quad-throw analog switch (DP4T), suitable for use as an
analog or digital multiplexer/demultiplexer. Each switch features four independent inputs/outputs
(nY0, nY1, nY2 and nY3) and a common input/output (nZ). A digital enable input (E) and two digital
select inputs (S0 and S1) are common to both switches. When E is HIGH, the switches are turned
off.
Schmitt trigger action at the digital inputs makes the circuit tolerant to slower input rise and fall
times. Low threshold digital inputs allows this device to be driven by 1.8 V logic levels in 3.3 V
applications without significant increase in supply current ICC. This makes it possible for the
XS3A4052 to switch 4.3 V signals with a 1.8 V digital controller, eliminating the need for logic
level translation. The XS3A4052 allows signals with amplitude up to VCC to be transmitted from
nZ to nYn or from nYn to nZ. Its low ON resistance (0.5 Ω) and flatness (0.13 Ω) ensures minimal
attenuation and distortion of transmitted signals.
2. Features and benefits
• Wide supply voltage range from 1.4 V to 4.3 V
• Very low ON resistance (peak):
• 1.6 Ω (typical) at VCC = 1.4 V
• 1.0 Ω (typical) at VCC = 1.65 V
• 0.55 Ω (typical) at VCC = 2.3 V
• 0.50 Ω (typical) at VCC = 2.7 V
• 0.50 Ω (typical) at VCC = 4.3 V
• Break-before-make switching
• High noise immunity
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 6000 V
• CDM ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• IEC61000-4-2 contact discharge exceeds 8000 V for switch ports
• CMOS low-power consumption
• Latch-up performance exceeds 100 mA per JESD78 Class II Level A
• Low-switching threshold levels
• Control input accepts voltages above supply voltage
• Very low supply current, even when input is below VCC
• High current handling capability (350 mA continuous current under 3.3 V supply)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Appliances
• Communication Systems
• Medical Equipment
• Analog Sensor Monitoring
• Audio Routing/Switching
• Test and Measurement




Số phần tương tự - XS3A4052PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
XS3A4051 NEXPERIA-XS3A4051 Datasheet
314Kb / 20P
Single low-ohmic 8-channel analog switch
Rev. 1 - 11 February 2022
XS3A4051PW NEXPERIA-XS3A4051PW Datasheet
314Kb / 20P
Single low-ohmic 8-channel analog switch
Rev. 1 - 11 February 2022
XS3A4053 NEXPERIA-XS3A4053 Datasheet
319Kb / 17P
Triple low-ohmic single-pole double-throw analog switch
Rev. 1 - 11 February 2022
XS3A4053PW NEXPERIA-XS3A4053PW Datasheet
319Kb / 17P
Triple low-ohmic single-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results


Mô tả tương tự - XS3A4052PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 NXP-NX3L2T66_09 Datasheet
153Kb / 20P
Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2467 NXP-NX3L2467 Datasheet
235Kb / 24P
Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com