công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N785-H01-SCSM bảng dữ liệu (PDF) - Tripp Lite. All Rights Reserved

N785-H01-SCSM Datasheet PDF - Tripp Lite. All Rights Reserved
tên linh kiện N785-H01-SCSM
tải về  N785-H01-SCSM tải về
kích thước tập tin   47.18 Kbytes
Page   4 Pages
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Giải thích chi tiết về linh kiện Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)

N785-H01-SCSM Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
N785-H01-SCSM Datasheet PDF - Tripp Lite. All Rights Reserved

tên linh kiện N785-H01-SCSM
tải về  N785-H01-SCSM Click to download

kích thước tập tin   47.18 Kbytes
Page   4 Pages
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Giải thích chi tiết về linh kiện Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)

N785-H01-SCSM bảng dữ liệu (HTML) - Tripp Lite. All Rights Reserved


N785-H01-SCSM Thông tin chi tiết sản phẩm

Features
Extends a Network Connection up to 10 km over SC Singlemode Fiber Optic Cable
This network media converter converts a copper Gigabit Ethernet signal to a singlemode fiber optic signal
and extends it to a second network device up to 10 kilometers (6.2 miles) away. Because copper Cat5e/6
cables are limited to only 100 meters, it is more effective to couple the N785-H01-SCSM with singlemode
fiber cable to reach hubs, switches and other network devices located farther away. Auto-negotiation and
automatic MDI/MDI-X configuration seamlessly connect devices without crossover cabling.
Monitor Your Installation with Link Fault Signaling and Loop Back Functions
Determine the health of your network connection via the Link Fault Signaling (LFS) and Loop Back
functions. The LFS LED indicates when a copper or fiber cable has been severed or another cause of
disruption in service has occurred. The Local Loop Back (LLB) and Remote Loop Back (RLB) functions
ensure copper and fiber cables have been correctly installed. Use the DIP switches to control each
function or turn them on or off.
LEDs Indicate Installation Performance and Diagnostic Functions
Easy-to-read LEDs on the side of the unit indicate essential status information, including network speed
and connection, LFS diagnostics and unit power.
Protective Metal Housing Built to Withstand a Variety of Hazards
The hardened aluminum case is designed to operate in extreme temperatures ranging from -10 to 60
degrees Celsius (14 to 140 degrees Fahrenheit). It is protected from electrostatic discharge (ESD), radio
frequency interference (RFI) and power surges. Hardware is included for wall or DIN mounting.
Works in Tandem with Tripp Lite’s N785-CH12 Chassis
House and power up to 12 Tripp Lite media converters, including the N785-H01-SCSM, using the N785-
CH12 12-port chassis (sold separately) to create an organized installation.
TAA-Compliant for GSA Schedule Purchases
The N785-H01-SCSM is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible
for GSA (General Services Administration) Schedule and other federal procurement contracts.




Số phần tương tự - N785-H01-SCSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N785-H01-SCMM TRIPPLITE-N785-H01-SCMM Datasheet
46Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)
More results


Mô tả tương tự - N785-H01-SCSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N785-INT-SC-SM TRIPPLITE-N785-INT-SC-SM Datasheet
167Kb / 3P
Gigabit Singlemode Fiber to Ethernet Media Converter, 10/100/1000 SC, 1310 nm, 20 km (12.4mi.)
N785-P01-SC-SM1 TRIPPLITE-N785-P01-SC-SM1 Datasheet
169Kb / 3P
Gigabit Singlemode Fiber to Ethernet Media Converter, POE - 10/100/1000 SC, 1310 nm, 20km (12.4 mi.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM Datasheet
169Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM Datasheet
168Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM_V01 Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2 km (1.2 mi.)
N784-H01-SCSM TRIPPLITE-N784-H01-SCSM Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Singlemode, -10° to 60°C, 30 km (18.6 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM_V01 Datasheet
46Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2 km (1.2 mi.)
N785-H01-SCMM TRIPPLITE-N785-H01-SCMM Datasheet
46Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)
N785-H01-SFP-D TRIPPLITE-N785-H01-SFP-D Datasheet
47Kb / 3P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C, DC Power
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com