công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSPM0L1306 bảng dữ liệu (PDF) - Texas Instruments

MSPM0L1306 Datasheet PDF - Texas Instruments
tên linh kiện MSPM0L1306
tải về  MSPM0L1306 tải về
kích thước tập tin   2065.96 Kbytes
Page   75 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers

MSPM0L1306 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MSPM0L1306 Datasheet PDF - Texas Instruments

tên linh kiện MSPM0L1306
tải về  MSPM0L1306 Click to download

kích thước tập tin   2065.96 Kbytes
Page   75 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers

MSPM0L1306 bảng dữ liệu (HTML) - Texas Instruments


MSPM0L1306 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
• Core
– Arm® 32-bit Cortex®-M0+ CPU, frequency up to
32 MHz
• Operating characteristics
– Wide supply voltage range: 1.62 V to 3.6 V
• Memories
– Up to 64KB of flash
– Up to 4KB of SRAM
• High-performance analog peripherals
– One 12-bit 1.68-Msps analog-to-digital
converter (ADC) with up to 10 total external
channels
– Configurable 1.4-V or 2.5-V internal ADC
voltage reference (VREF)
– Two zero-drift, zero-crossover chopper
operational amplifiers (OPA)
• 0.5-μV/°C drift with chopping
• Integrated programmable gain stage (1-32x)
– One general-purpose amplifier (GPAMP)
– One high-speed comparator (COMP) with 8-bit
reference DAC
• 32-ns propagation delay
• Low power mode down to <1-μA
– Programmable analog connections between
ADC, OPAs, COMP, and DAC
– Integrated temperature sensor
• Optimized low-power modes
– RUN: 71 μA/MHz (CoreMark)
– STOP: 151 μA at 4 MHz and 44 μA at 32 kHz
– STANDBY: 1.0 μA with 32-kHz 16-bit timer
running, SRAM/registers fully retained, and
32MHz clock wakeup in 3.2μs
– SHUTDOWN: 61 nA with IO wakeup capability
• Intelligent digital peripherals
– 3-channel DMA controller
– 3-channel event fabric signaling system
– Four 16-bit general-purpose timers, each with
two capture/compare registers supporting lowpower
operation in STANDBY mode, supporting
a total of 8 PWM channels
– Windowed watchdog timer
• Enhanced communication interfaces
– Two UART interfaces; one supports LIN,
IrDA, DALI, Smart Card, Manchester and both
support low-power operation in STANDBY
– Two I2C interfaces; one supports FM+ (1
Mbit/s) and both support SMBus, PMBus, and
wakeup from STOP
– One SPI supports up to 16 Mbit/s
• Clock system
– Internal 4- to 32-MHz oscillator with ±1.2%
accuracy (SYSOSC)
– Internal 32-kHz low-frequency oscillator with
±3% accuracy (LFOSC)
• Data integrity
– Cyclic redundancy checker (CRC-16 or
CRC-32)
• Flexible I/O features
– Up to 28 GPIOs
– Two 5-V-tolerant open-drain IOs with fail-safe
protection
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 32-pin VQFN (RHB)
– 32-pin VSSOP (DGS)
– 28-pin VSSOP (DGS)
– 24-pin VQFN (RGE)
– 20-pin VSSOP (DGS)
– 16-pin SOT(DYY)
• Family members (also see Device Comparison)
– MSPM0L1304: 16KB of flash, 2KB of RAM
– MSPM0L1305: 32KB of flash, 4KB of RAM
– MSPM0L1306: 64KB of flash, 4KB of RAM
• Development kits and software (also see Tools
and Software)
– LP-MSPM0L1306 LaunchPad™ development
kit
– MSP Software Development Kit (SDK)

2 Applications
• Automotive body electronics and Lighting
• Automotive Gateway
• Steering Wheel Systems
• Automotive Motor Control
• DC to AC Inverters
• Automotive Interior Lighting
• Door handle modules
• Kick to open modules
• Vehicle Occupancy Detection
• Seat Comfort Module

3 Description
MSPM0L130x microcontrollers (MCUs) are part of the MSP highly-integrated, ultra-low-power 32-bit MSPM0
MCU family based on the enhanced Arm® Cortex®-M0+ core platform operating at up to 32-MHz frequency.
These cost-optimized MCUs offer high-performance analog peripheral integration, support extended temperature
ranges from -40°C to 125°C, and operate with supply voltages ranging from 1.62 V to 3.6 V.
The MSPM0L130x devices provide up to 64KB embedded flash program memory with up to 4KB SRAM. These
MCUs incorporate a high-speed on-chip oscillator with an accuracy up to ±1.2%, eliminating the need for an
external crystal. Additional features include a 3-channel DMA, 16- and 32-bit CRC accelerator, and a variety
of high-performance analog peripherals such as one 12-bit 1.68-MSPS ADC with configurable internal voltage
reference, one high-speed comparator with built-in reference DAC, two zero-drift zero-crossover operational
amplifiers with programmable gain, one general-purpose amplifier, and an on-chip temperature sensor. These
devices also offer intelligent digital peripherals such as four 16-bit general purpose timers, one windowed
watchdog timer, and a variety of communication peripherals including two UARTs, one SPI, and two I2Cs. These
communication peripherals offer protocol support for LIN, IrDA, DALI, Manchester, Smart Card, SMBus, and
PMBus.
The TI MSPM0 family of low-power MCUs consists of devices with varying degrees of analog and digital
integration allowing for customers find the MCU that meets their project's needs. The architecture combined
with extensive low-power modes are optimized to achieve extended battery life in portable measurement
applications.
MSPM0L130x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get the design started quickly. Development kits include a LaunchPad™ development
kit available for purchase and design files for a target-socket board. TI also provides a free MSP Software
Development Kit (SDK), which is available as a component of Code Composer Studio™ IDE desktop and cloud
version within the TI Resource Explorer. MSPM0 MCUs are also supported by extensive online collateral,
training with MSP Academy, and online support through the TI E2E™ support forums.
For complete module descriptions, see the MSPM0 L-Series 32-MHz Microcontrollers Technical Reference
Manual.




Số phần tương tự - MSPM0L1306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSPM0L1306 TI-MSPM0L1306 Datasheet
1Mb / 28P
MSPM0L130x Mixed-Signal Microcontrollers
SEPTEMBER 2022
MSPM0L1306 TI-MSPM0L1306 Datasheet
2Mb / 83P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1306 TI-MSPM0L1306 Datasheet
2Mb / 85P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1306 TI-MSPM0L1306 Datasheet
2Mb / 75P
MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers
MAY 2023
MSPM0L1306 TI-MSPM0L1306 Datasheet
2Mb / 86P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED JUNE 2023
More results


Mô tả tương tự - MSPM0L1306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F2272-Q1 TI1-MSP430F2272-Q1 Datasheet
1Mb / 77P
Automotive Mixed-Signal Microcontrollers
MSP430G2211-Q1 TI1-MSP430G2211-Q1 Datasheet
1Mb / 52P
Automotive Mixed-Signal Microcontrollers
MSP430G2553-Q1 TI1-MSP430G2553-Q1_15 Datasheet
1Mb / 71P
Automotive Mixed-Signal Microcontrollers
MSPM0L1306 TI-MSPM0L1306 Datasheet
1Mb / 28P
MSPM0L130x Mixed-Signal Microcontrollers
SEPTEMBER 2022
MSPM0L1306 TI-MSPM0L1306_V01 Datasheet
2Mb / 83P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1306 TI-MSPM0L1306_V02 Datasheet
2Mb / 85P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1306-Q1 TI-MSPM0L1306-Q1_V01 Datasheet
2Mb / 75P
MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers
MAY 2023
MSPM0L1346 TI-MSPM0L1346 Datasheet
2Mb / 86P
MSPM0L130x Mixed-Signal Microcontrollers
REVISED JUNE 2023
MSPM0L1306-Q1 TI1-MSPM0L1306-Q1_V02 Datasheet
2Mb / 75P
MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers
MAY 2023
MSPM0L1306-Q1 TI1-MSPM0L1306-Q1_V03 Datasheet
2Mb / 75P
MSPM0L130x-Q1 Automotive Mixed-Signal Microcontrollers
MAY 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com