công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DL2000ID bảng dữ liệu (PDF) - Danisense A/S

DL2000ID Datasheet PDF - Danisense A/S
tên linh kiện DL2000ID
tải về  DL2000ID tải về
kích thước tập tin   973.54 Kbytes
Page   7 Pages
nhà sản xuất  DANISENSE [Danisense A/S]
Trang chủ  https://danisense.com/
Logo DANISENSE - Danisense A/S
Giải thích chi tiết về linh kiện Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A

DL2000ID Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DL2000ID Datasheet PDF - Danisense A/S

tên linh kiện DL2000ID
tải về  DL2000ID Click to download

kích thước tập tin   973.54 Kbytes
Page   7 Pages
nhà sản xuất  DANISENSE [Danisense A/S]
Trang chủ  https://danisense.com/
Logo DANISENSE - Danisense A/S
Giải thích chi tiết về linh kiện Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A

DL2000ID bảng dữ liệu (HTML) - Danisense A/S


DL2000ID Thông tin chi tiết sản phẩm

Features
1 ppm linearity
6 ppm offset
Current output
Fluxgate, closed loop compensated technology with
fixed excitation frequency and second harmonic
zero flux detection for best in class accuracy and
stability
Industry standard DSUB 9 pin connection
Green diode for normal operation indication
Full aluminum body for superior EMI shielding and
extended operating temperature range
Large aperture 68mm for cables and bus bars
Applications:
MPS for particles accelerators
Gradient amplifiers for MRI devices
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis
Current calibration purposes




Số phần tương tự - DL2000ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Danisense A/S
DL2000ID-CB100 DANISENSE-DL2000ID-CB100 Datasheet
1,000Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-03-15
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
More results


Mô tả tương tự - DL2000ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Danisense A/S
DL2000ID-CB100 DANISENSE-DL2000ID-CB100 Datasheet
1,000Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-03-15
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
DL2000UB-1V DANISENSE-DL2000UB-1V Datasheet
1,012Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DS200ID-CD100 DANISENSE-DS200ID-CD100 Datasheet
480Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200ID DANISENSE-DS200ID Datasheet
462Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200UB-10V DANISENSE-DS200UB-10V Datasheet
560Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 220A
2022-11-24
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com