công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCA9535 bảng dữ liệu (PDF) - Nexperia B.V. All rights reserved

NCA9535 Datasheet PDF - Nexperia B.V. All rights reserved
tên linh kiện NCA9535
tải về  NCA9535 tải về
kích thước tập tin   423.75 Kbytes
Page   29 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers

NCA9535 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
NCA9535 Datasheet PDF - Nexperia B.V. All rights reserved

tên linh kiện NCA9535
tải về  NCA9535 Click to download

kích thước tập tin   423.75 Kbytes
Page   29 Pages
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Giải thích chi tiết về linh kiện Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers

NCA9535 bảng dữ liệu (HTML) - Nexperia B.V. All rights reserved


NCA9535 Thông tin chi tiết sản phẩm

General description
The NCA9535 provides 16 bits of General Purpose Input/Output (GPIO) expansion for
I²C-bus/SMBus applications. It is designed for a wide voltage range of 1.65 V to 5.5 V with
interrupt. Nexperia GPIO expanders provide an elegant solution when additional IOs are
needed while keeping the interconnections to a minimum, for example, in ACPI power switches,
sensors, push buttons, LEDs and fan control. The NCA9535 contains a set of 8 bit input, output,
configuration and polarity inversion registers. At power up all IOs default to inputs. Each IO can be
configured as either input or output by changing the corresponding bit in the configuration register.
The data for each input or output is stored in the corresponding input or output register. The polarity
inversion register can be programmed to invert the polarity of the input register. The NCA9535
has an open-drain interrupt output which is activated when any one of the GPIO changes from its
corresponding input port register state. The power on reset sets the registers to default values and
initializes the device state machine. The NCA9535 has three address pins A0, A1 and A2 which
can be used to configure the I²C bus slave address of the device. It allows up-to eight devices to
share the same I²C-bus/SMBus.

Features and benefits
• I²C-bus to parallel port expander
• Operating power supply voltage range of 1.65 V to 5.5 V
• Low standby current consumption:
• 2.5 μA (maximum)
• Schmitt-trigger action allows slow input transition and better switching noise immunity at the
SCL and SDA inputs
• Vhys = 0.10 × VCC (typical)
• Noise filter on SCL and SDA inputs
• 5 V tolerant I/Os
• 16 I/O pins which power up configured in input state
• Open-drain active LOW interrupt output (INT)
• 400 kHz Fast-mode I²C-bus
• Internal power-on reset
• No glitch on power-up
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD78, Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• Package offered: TSSOP24
• Specified from -40 °C to +85 °C




Số phần tương tự - NCA9535

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
NCA9535-Q100 NEXPERIA-NCA9535-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9535PW NEXPERIA-NCA9535PW Datasheet
11Mb / 22P
NCA95xx GPIO expander EVB
Rev. 2.0 19 January 2024
NCA9535PW-Q100 NEXPERIA-NCA9535PW-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
More results


Mô tả tương tự - NCA9535

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
logo
Nexperia B.V. All right...
NCA9555-Q100 NEXPERIA-NCA9555-Q100 Datasheet
490Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9555 NEXPERIA-NCA9555 Datasheet
451Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9535-Q100 NEXPERIA-NCA9535-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9539-Q100 NEXPERIA-NCA9539-Q100 Datasheet
483Kb / 31P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers
Rev. 1 - 31 March 2023
NCA9539 NEXPERIA-NCA9539 Datasheet
443Kb / 31P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers
Rev. 1 - 31 March 2023
NCA9555-Q100 NEXPERIA-NCA9555-Q100_V01 Datasheet
492Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
NCA9555 NEXPERIA-NCA9555_V01 Datasheet
454Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com