công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2901QDRQ1 bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
LM2901QDRQ1 Datasheet PDF - Texas Instruments
tên linh kiện LM2901QDRQ1
tải về  LM2901QDRQ1 tải về
kích thước tập tin   1134.65 Kbytes
Page   29 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator

LM2901QDRQ1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LM2901QDRQ1 Datasheet PDF - Texas Instruments

tên linh kiện LM2901QDRQ1
tải về  LM2901QDRQ1 Click to download

kích thước tập tin   1134.65 Kbytes
Page   29 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator

LM2901QDRQ1 bảng dữ liệu (HTML) - Texas Instruments


LM2901QDRQ1 Thông tin chi tiết sản phẩm

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification levels:
• Class 1C for "AV" version
• Class 2 for all other versions
– Device CDM ESD classification level C3
• Improved 2 kV HBM ESD for "B" device
• Single supply or dual supplies
• Low supply-current independent of
supply voltage 200 uA typical per
comparator ("B" Versions)
• Low input bias current 3.5 nA typical ("B" device)
• Low input offset current 0.5 nA typ ("B" device)
• Low input offset voltage ±0.37 mV typ ("B" device)
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximumrated
supply voltage ±36 V
• Output compatible with TTL, MOS, and CMOS
• For single version in SOT, see the TL331-Q1
(SLVS969)
• For dual version in multiple packages, see the
LM2903x-Q1 (SLCS141)
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• Automotive
– HEV/EV and power train
– Infotainment and cluster
– Body control module
• Industrial
• Appliances

3 Description
The LM2901B-Q1 device is the next generation
version of the industry-standard LM2901x-Q1
comparator family. This next generation family
provides outstanding value for cost-sensitive
applications, with features including lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2kV ESD performance with dropin
replacement convenience.
All devices consist of four independent voltage
comparators that are designed to operate over a wide
range of voltages. Operation from dual supplies also
is possible as long as the difference between the two
supplies is within 2 V to 36 V, and VCC is at least 1.5
V more positive than the input common-mode voltage.
The outputs can be connected to other open-collector
outputs.
The "V" versions operate up to 32V, and the "B"
version operates up to 36V. All are qualified for the
AEC-Q100 Grade 1 temperature range of -40°C to
+125°C.




Số phần tương tự - LM2901QDRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2901QDRQ1 TI1-LM2901QDRQ1 Datasheet
229Kb / 9P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRQ1 TI1-LM2901QDRQ1 Datasheet
786Kb / 12P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRQ1 TI1-LM2901QDRQ1 Datasheet
789Kb / 13P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRQ1 TI1-LM2901QDRQ1 Datasheet
930Kb / 20P
LM2901x-Q1 Quadruple Differential Comparator
LM2901QDRQ1 TI-LM2901QDRQ1 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
More results


Mô tả tương tự - LM2901QDRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1_16 Datasheet
930Kb / 20P
LM2901x-Q1 Quadruple Differential Comparator
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com