công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA2991 bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
OPA2991 Datasheet PDF - Texas Instruments
tên linh kiện OPA2991
tải về  OPA2991 tải về
kích thước tập tin   3372.68 Kbytes
Page   55 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp

OPA2991 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
OPA2991 Datasheet PDF - Texas Instruments

tên linh kiện OPA2991
tải về  OPA2991 Click to download

kích thước tập tin   3372.68 Kbytes
Page   55 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp

OPA2991 bảng dữ liệu (HTML) - Texas Instruments


OPA2991 Thông tin chi tiết sản phẩm

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2A
– Device CDM ESD classification level C6
• Low offset voltage: ±125 μV
• Low offset voltage drift: ±0.3 μV/°C
• Low noise: 10.8 nV/√Hz at 1 kHz
• High common-mode rejection: 130 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• Wide bandwidth: 4.5 MHz GBW
• High slew rate: 21 V/μs
• High capacitive load drive: 1 nF
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Low quiescent current: 560 μA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance: EMI/RFI filters on
input and supply pins

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• High-side current sensing

3 Description
The OPAx991-Q1 family (OPA991-Q1, OPA2991-Q1,
and OPA4991-Q1) is a family of high voltage (40 V)
general purpose operational amplifiers for automotive
application. These devices offer exceptional DC
precision and AC performance, including rail-to-rail
input or output, low offset (±125 μV, typical), low offset
drift (±0.3 μV/°C, typical), low noise (10.8 nV/√Hz and
1.8 μVPP), and 4.5-MHz bandwidth.
Unique features such as differential and commonmode
input-voltage range to the supply rail, high
output current (±75 mA), high slew rate (21 V/μs), and
high capacitive load drive (1 nF) make the OPAx991-
Q1 a robust, high-performance operational amplifier
for high-voltage automotive applications.
The OPAx991-Q1 family of op amps is available in
standard packages (such as SOT-23, SOIC, VSSOP,
and TSSOP) and is specified from –40°C to 125°C.




Số phần tương tự - OPA2991

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA2991 TI1-OPA2991 Datasheet
1Mb / 38P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
4Mb / 59P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
1Mb / 38P
OPA2991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Mô tả tương tự - OPA2991

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991-Q1 TI-OPA2991-Q1_V01 Datasheet
2Mb / 40P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1 Datasheet
3Mb / 52P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V01 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V02 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
SEPTEMBER 2021
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
OPA991-Q1 TI-OPA991-Q1_V06 Datasheet
3Mb / 61P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com