công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C661X2BBD bảng dữ liệu (PDF) - NXP Semiconductors

P83C661X2BBD Datasheet PDF - NXP Semiconductors
tên linh kiện P83C661X2BBD
tải về  P83C661X2BBD tải về
kích thước tập tin   572.78 Kbytes
Page   102 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện 80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces

P83C661X2BBD Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
P83C661X2BBD Datasheet PDF - NXP Semiconductors

tên linh kiện P83C661X2BBD
tải về  P83C661X2BBD Click to download

kích thước tập tin   572.78 Kbytes
Page   102 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện 80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces

P83C661X2BBD bảng dữ liệu (HTML) - NXP Semiconductors


P83C661X2BBD Thông tin chi tiết sản phẩm

DESCRIPTION
The devices are Single-Chip 8-Bit Microcontrollers manufactured in
an advanced CMOS process and are derivatives of the 80C51
microcontroller family. The instruction set is 100% compatible with
the 80C51 instruction set.
The devices support 6-clock/12-clock mode selection by
programming an OTP bit (OX2) using parallel programming. In
addition, an SFR bit (X2) in the clock control register (CKCON)
also selects between 6-clock/12-clock mode.
These devices have either one or two I2C interfaces, capable of
handling speeds up to 400 kbits/s (Fast I2C). They also have four
8-bit I/O ports, three 16-bit timer/event counters, a multi-source,
four-priority-level, nested interrupt structure, an enhanced UART and
on-chip oscillator and timing circuits.
The added features of the P8xC66xX2 make it a powerful
microcontroller for applications that require pulse width modulation,
high-speed I/O, I2C communication, and up/down counting
capabilities such as motor control.

FEATURES
• 80C51 Central Processing Unit
– 16 kbytes OTP (87C660X2, 87C661X2)
– 16 kbytes ROM (83C660X2, 83C661X2)
– 512 byte RAM
– Boolean processor
– Fully static operation
– Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• Two speed ranges at VCC = 5 V
– 0 to 30 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• Parallel programming with 87C51 compatible hardware interface
to programmer
• RAM expandable externally to 64 kbytes
• Programmable Counter Array (PCA)
– PWM
– Capture/compare
• PLCC and LQFP packages
• Extended temperature ranges
• Dual Data Pointers
• Security bits (3 bits)
• Encryption array - 64 bytes
• 8/9 interrupt sources
• Four interrupt priority levels
• Four 8-bit I/O ports
• One I2C serial port interface has a selectable data transfer mode,
either 400 kB/sec Fast-mode or 100 kB/sec Standard-mode
(8xC660X2 and 8xC661X2)
• A second I2C serial port interface has the 400 kB/sec Fast
data-transfer mode only and selectable slew rate control of the
output pins (8xC661X2)
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs, and 6-clock
mode)
• Wake-up from Power Down by an external interrupt




Số phần tương tự - P83C661X2BBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
P83C661X2BBD PHILIPS-P83C661X2BBD Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
More results


Mô tả tương tự - P83C661X2BBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C654X2 PHILIPS-P87C654X2 Datasheet
497Kb / 88P
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C31 NXP-80C31 Datasheet
238Kb / 32P
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P83C654X2 NXP-P83C654X2 Datasheet
501Kb / 88P
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com