công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8P34S1208 bảng dữ liệu (PDF) - Renesas Technology Corp

8P34S1208 Datasheet PDF - Renesas Technology Corp
tên linh kiện 8P34S1208
tải về  8P34S1208 tải về
kích thước tập tin   1239.83 Kbytes
Page   18 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện 2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1208 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
8P34S1208 Datasheet PDF - Renesas Technology Corp

tên linh kiện 8P34S1208
tải về  8P34S1208 Click to download

kích thước tập tin   1239.83 Kbytes
Page   18 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện 2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1208 bảng dữ liệu (HTML) - Renesas Technology Corp


8P34S1208 Thông tin chi tiết sản phẩm

Description
The 8P34S1208 is a high-performance differential LVDS fanout
buffer. The device is designed for the fanout of 1PPS signals or
high-frequency, very low additive phase-noise clock and data
signals.
The 8P34S1208 supports fail-safe operation and is
characterized to operate from a 1.8V or 2.5V power supply.
Guaranteed output-to-output and part-to-part skew
characteristics make the 8P34S1208 ideal for those clock
distribution applications demanding well-defined performance
and repeatability. Two selectable differential inputs and eight
low skew outputs are available. The integrated bias voltage
reference enables easy interfacing of single-ended signals to
the device inputs. The device is optimized for low power
consumption and low additive phase noise.

Features
• Eight low skew, low additive jitter LVDS output pairs
• Two selectable, differential clock input pairs
• Differential CLK, nCLK pairs can accept the following
differential input levels: LVDS, CML
• Maximum input clock frequency: 1.5GHz
• LVCMOS/LVTTL interface levels for the control input select pin
• Output skew: 20ps (typical)
• Propagation delay: 400ps (maximum)
• Low propagation delay variation across temperature for 1PPS
applications
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
12kHz–20MHz: 34fs (typical)
• Device current consumption (IDD):
• 120mA typical: 1.8V
• 132mA typical: 2.5V
• Full 1.8V or 2.5V supply voltage
• Lead-free (RoHS 6), 28-Lead VFQFPN packaging
• -40°C to +85°C ambient operating temperature
• Supports case temperature up to +105°C
• Supports PCI Express Gen 1-5




Số phần tương tự - 8P34S1208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
8P34S1208 RENESAS-8P34S1208 Datasheet
1Mb / 18P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
July 25, 2024
8P34S1208-1 RENESAS-8P34S1208-1 Datasheet
886Kb / 19P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1208-1NLGI RENESAS-8P34S1208-1NLGI Datasheet
886Kb / 19P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1208-1NLGI/W RENESAS-8P34S1208-1NLGI/W Datasheet
886Kb / 19P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1208-1NLGI8 RENESAS-8P34S1208-1NLGI8 Datasheet
886Kb / 19P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
More results


Mô tả tương tự - 8P34S1208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
8P34S1204 RENESAS-8P34S1204 Datasheet
1Mb / 19P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106 RENESAS-8P34S2106 Datasheet
1Mb / 26P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2108 RENESAS-8P34S2108 Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
8V34S208 RENESAS-8V34S208 Datasheet
861Kb / 22P
1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
06/26/14
More results




Giới thiệu về Renesas Technology Corp


Renesas Technology Corp là một công ty bán dẫn Nhật Bản cung cấp một loạt các bộ vi điều khiển, hệ thống trên chip và các thiết bị tương tự và năng lượng cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được thành lập vào năm 2010 thông qua việc sáp nhập NEC Electronics Corporation và Renesas Technology Corporation.
Renesas là một trong những nhà cung cấp vi điều khiển lớn nhất thế giới và được biết đến với chuyên môn trong việc phát triển các công nghệ tiên tiến trong các lĩnh vực như Internet of Things (IoT), Trí tuệ nhân tạo (AI) và điện tử ô tô.
Công ty có hoạt động tại hơn 20 quốc gia và các sản phẩm của họ được sử dụng trong một loạt các ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com