công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8A34013 bảng dữ liệu (PDF) - Renesas Technology Corp

8A34013 Datasheet PDF - Renesas Technology Corp
tên linh kiện 8A34013
tải về  8A34013 tải về
kích thước tập tin   2254.77 Kbytes
Page   101 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện Port Synchronizer for IEEE 1588 Frequency and Time/Phase

8A34013 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
8A34013 Datasheet PDF - Renesas Technology Corp

tên linh kiện 8A34013
tải về  8A34013 Click to download

kích thước tập tin   2254.77 Kbytes
Page   101 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện Port Synchronizer for IEEE 1588 Frequency and Time/Phase

8A34013 bảng dữ liệu (HTML) - Renesas Technology Corp


8A34013 Thông tin chi tiết sản phẩm

Features
▪ Four independent timing channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLL Digital Loop Filters (DLFs) are programmable with cut
off frequencies from 17Hz to 22kHz
• Switching between DPLL and DCO modes is hitless and
dynamic
• Generates output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 1ps resolution
▪ 4 Differential / 8 LVCMOS outputs
• Frequencies from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL, and HSTL
output modes supported
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
▪ LVCMOS additionally supports 1.5V or 1.2V
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
▪ 2 differential / 4 single-ended clock inputs
• Support frequencies from 1kHz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
PPES (pulse per even second), 1PPS (Pulse per Second),
5PPS, 10 PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
1ps steps
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring, and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize Precision
Time Protocol (PTP) / IEEE 1588 clocks
• DCOs generate PTP based clocks with frequency resolution
less than 1.11  10-16
▪ DPLL Phase detectors can be used as Time-to-Digital
Converters (TDC) with precision below 1ps
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ Can configure itself automatically after reset via:
• Internal customer definable One-Time Programmable
memory with up to 16 different configurations
• Standard external I2
C EPROM via separate I2
C Master Port
▪ 1149.1 JTAG Boundary Scan
▪ 7  7 mm 48-VFQFPN package

Description
The 8A34013 is a port synchronizer for frequency and time/phase for equipment that uses packet based and physical layer based
equipment synchronization. The 8A34011 is a highly integrated device that provides tools to manage timing references, clock sources,
and timing paths for IEEE 1588 and Synchronous Ethernet (SyncE) based clocks. The PLL channels can act independently as frequency
synthesizers, jitter attenuators, Digitally Controlled Oscillators (DCO), or Digital Phase Lock Loops (DPLL).
The 8A34013 supports multiple independent timing paths that can each be configured as a DPLL or as a DCO. Input-to-input,
input-to-output, and output-to-output phase skew can all be precisely managed. The device outputs low-jitter clocks that can directly
synchronize interfaces such as 100GBASE-R, 40GBASE-R, 10GBASE-R, and 10GBASE-W and lower-rate Ethernet interfaces; as well
as SONET/SDH and PDH interfaces, and IEEE 1588 Time Stamp Units (TSUs).
The internal System APLL must be supplied with a low phase noise reference clock with frequency between 25MHz and 54MHz. The
output of the System APLL is used for clock synthesis by all of the Fractional Output Dividers (FODs) in the device. The System APLL
reference can come from an external crystal oscillator connected to the OSCI pin or from an internal oscillator that uses a crystal
connected between the OSCI and OSCO pins.




Số phần tương tự - 8A34013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
8A34013 RENESAS-8A34013 Datasheet
2Mb / 100P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
8A34013E-DDDNBG RENESAS-8A34013E-DDDNBG Datasheet
2Mb / 100P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
8A34013E-DDDNBG8 RENESAS-8A34013E-DDDNBG8 Datasheet
2Mb / 100P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
8A34013 RENESAS-8A34013_V01 Datasheet
2Mb / 100P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Mô tả tương tự - 8A34013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Analog Devices
AD9543 AD-AD9543 Datasheet
1Mb / 66P
Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
10/2017-Revision 0
logo
Renesas Technology Corp
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Renesas Technology Corp
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
More results




Giới thiệu về Renesas Technology Corp


Renesas Technology Corp là một công ty bán dẫn Nhật Bản cung cấp một loạt các bộ vi điều khiển, hệ thống trên chip và các thiết bị tương tự và năng lượng cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được thành lập vào năm 2010 thông qua việc sáp nhập NEC Electronics Corporation và Renesas Technology Corporation.
Renesas là một trong những nhà cung cấp vi điều khiển lớn nhất thế giới và được biết đến với chuyên môn trong việc phát triển các công nghệ tiên tiến trong các lĩnh vực như Internet of Things (IoT), Trí tuệ nhân tạo (AI) và điện tử ô tô.
Công ty có hoạt động tại hơn 20 quốc gia và các sản phẩm của họ được sử dụng trong một loạt các ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com