công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAQM902A bảng dữ liệu (PDF) - Keysight Technologies

DAQM902A Datasheet PDF - Keysight Technologies
tên linh kiện DAQM902A
tải về  DAQM902A tải về
kích thước tập tin   397.45 Kbytes
Page   2 Pages
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies
Giải thích chi tiết về linh kiện Sample More Signals, Faster and Dynamically

DAQM902A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DAQM902A Datasheet PDF - Keysight Technologies

tên linh kiện DAQM902A
tải về  DAQM902A Click to download

kích thước tập tin   397.45 Kbytes
Page   2 Pages
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies
Giải thích chi tiết về linh kiện Sample More Signals, Faster and Dynamically

DAQM902A bảng dữ liệu (HTML) - Keysight Technologies


DAQM902A Thông tin chi tiết sản phẩm

Key Features
• 3-slot mainframes with built-in 6 ½ digit DMM
• Basic 0.003% DCV accuracy
• 9 switch, RF and control plug-in modules, including a new 4-channel
simultaneous sampling digitizer
• Up to 450 channel/s scan rate
• Up to 120 channels per system
• Up to one million points scanning memory
• Measures and converts 14 different input signals: Temperature with
thermocouple, RTDs and thermistor; dc/ac volts; 2- and 4-wire
resistance; frequency and period; dc/ac current, diode and
capacitance; direct strain and bridge strain
• Large 4.3” color display for ease of setup and viewing data
• LAN and USB for easy connectivity to your PC (DAQ973A comes
with additional GPIB)
• Code compatible with the 34970A/34972A
• USB flash drive support to copy/log data in standalone applications
• BenchVue DAQ with enhanced time/frequency domain measurement
included

Features Description
Types of measurements Temperature, voltage, current, resistance, frequency, diode and capacitance,
direct strain and bridge strain
Digital Input/Output Up to 48-bits
Analog output -10 V to +10 V, 20 mA
Multiplexing Maximum 120 (1-wire), 60 (2-wire) channels
Matrix switching Maximum 96 cross points
General purpose Maximum 60 switches
RF multiplexing Maximum 24 channels, 2 GHz
Simultaneous sampling Maximum 12 channels, up to 800 kSa/s, 24-bit resolution
Interface Graphic web, USB front/rear, LAN/LXI, GPIB (only for DAQ973A)




Số phần tương tự - DAQM902A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
DAQ MURATA-PS-DAQ Datasheet
4Mb / 25P
600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
List of Unclassifed Man...
DAQ-2000 ETC2-DAQ-2000 Datasheet
367Kb / 2P
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling Multi-Function DAQ Cards
DAQ-2000 ETC2-DAQ-2000 Datasheet
486Kb / 3P
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
DAQ-2005 ETC2-DAQ-2005 Datasheet
486Kb / 3P
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
logo
Adlink Technology Inc.
DAQ-2005 ADLINK-DAQ-2005 Datasheet
199Kb / 1P
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
More results


Mô tả tương tự - DAQM902A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
List of Unclassifed Man...
OS-B-5 ETC2-OS-B-5 Datasheet
392Kb / 9P
QUICK BRAID Cleaner, Faster, More Consistent
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
Multiply faster
logo
List of Unclassifed Man...
EBIPA100 ETC2-EBIPA100 Datasheet
392Kb / 9P
QUICK BRAID Cleaner, Faster, More Consistent
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
In automotive more and more often comes in foreground
02-Oct-2013
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com