công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPA3116D2DADR bảng dữ liệu (PDF) - Texas Instruments

Click here to check the latest version.
TPA3116D2DADR Datasheet PDF - Texas Instruments
tên linh kiện TPA3116D2DADR
tải về  TPA3116D2DADR tải về
kích thước tập tin   2932.6 Kbytes
Page   45 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance

TPA3116D2DADR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPA3116D2DADR Datasheet PDF - Texas Instruments

tên linh kiện TPA3116D2DADR
tải về  TPA3116D2DADR Click to download

kích thước tập tin   2932.6 Kbytes
Page   45 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance

TPA3116D2DADR bảng dữ liệu (HTML) - Texas Instruments


TPA3116D2DADR Thông tin chi tiết sản phẩm

1 Features
1• Supports Multiple Output Configurations
– 2 × 50 W Into a 4-Ω BTL Load at 21 V
(TPA3116D2)
– 2 × 30 W Into a 8-Ω BTL Load at 24 V
(TPA3118D2)
– 2 × 15 W Into a 8-Ω BTL Load at 15 V
(TPA3130D2)
• Wide Voltage Range: 4.5 V to 26 V
• Efficient Class-D Operation
– >90% Power Efficiency Combined With Low
Idle Loss Greatly Reduces Heat Sink Size
– Advanced Modulation Schemes
• Multiple Switching Frequencies
– AM Avoidance
– Master and Slave Synchronization
– Up to 1.2-MHz Switching Frequency
• Feedback Power-Stage Architecture With High
PSRR Reduces PSU Requirements
• Programmable Power Limit
• Differential and Single-Ended Inputs
• Stereo and Mono Mode With Single-Filter Mono
Configuration
• Single Power Supply Reduces Component Count
• Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DCDetect,
and Short Circuit With Error Reporting
• Thermally Enhanced Packages
– DAD (32-Pin HTSSOP Pad Up)
– DAP (32-Pin HTSSOP Pad Down)
• –40°C to 85°C Ambient Temperature Range

2 Applications
• Mini-Micro Component, Speaker Bar, Docks
• After-Market Automotive
• CRT TV
• Consumer Audio Applications

3 Description
The TPA31xxD2 series are stereo efficient, digital
amplifier power stage for driving speakers up to 100
W / 2 Ω in mono. The high efficiency of the
TPA3130D2 allows it to do 2 × 15 W without external
heat sink on a single layer PCB. The TPA3118D2 can
even run 2 × 30 W / 8 Ω without heat sink on a dual
layer PCB. If even higher power is needed the
TPA3116D2 does 2 × 50 W / 4 Ω with a small heatsink
attached to its top side PowerPAD. All three
devices share the same footprint enabling a single
PCB to be used across different power levels.
The TPA31xxD2 advanced oscillator/PLL circuit
employs a multiple switching frequency option to
avoid AM interferences; this is achieved together with
an option of either master or slave option, making it
possible to synchronize multiple devices.
The TPA31xxD2 devices are fully protected against
faults with short-circuit protection and thermal
protection as well as overvoltage, undervoltage, and
DC protection. Faults are reported back to the
processor to prevent devices from being damaged
during overload conditions.




Số phần tương tự - TPA3116D2DADR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3116D2DADR TI2-TPA3116D2DADR Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
TPA3116D2DADR.A TI2-TPA3116D2DADR.A Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
More results


Mô tả tương tự - TPA3116D2DADR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com