công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GYPRO2300LD bảng dữ liệu (PDF) - TDK Electronics

GYPRO2300LD Datasheet PDF - TDK Electronics
tên linh kiện GYPRO2300LD
tải về  GYPRO2300LD tải về
kích thước tập tin   2006.04 Kbytes
Page   22 Pages
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics
Giải thích chi tiết về linh kiện MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC

GYPRO2300LD Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
GYPRO2300LD Datasheet PDF - TDK Electronics

tên linh kiện GYPRO2300LD
tải về  GYPRO2300LD Click to download

kích thước tập tin   2006.04 Kbytes
Page   22 Pages
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics
Giải thích chi tiết về linh kiện MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC

GYPRO2300LD bảng dữ liệu (HTML) - TDK Electronics


GYPRO2300LD Thông tin chi tiết sản phẩm

General Description
GYPRO® product line is an established family of Micro-Electro-Mechanical Systems (MEMS) angular rate sensor specifically designed for demanding applications.
The MEMS transducer is manufactured using Tronics proprietary vacuum wafer-level packaging technology based on micro-machined thick single crystal silicon.
The integrated circuit (IC) provides a stable primary anti-phase vibration of the ‘drive’ proof masses, thanks to electrostatic comb drives. When the sensor is subjected to a rotation, the Coriolis force acts on the ‘sense’ proof masses and forces them into a secondary anti-phase movement perpendicular to the direction of drive vibration, which is itself counter-balanced by electrostatic forces. The sense closed loop operates as an electromechanical ΣΔ modulator providing a digital output. This output is finally demodulated using the drive reference signal.
The sensor is factory calibrated and compensated for temperature effects to provide high-accuracy digital output over a broad temperature range.
Raw data output can be also chosen to enable customer-made compensations.

Features
• Digital angular rate sensor with SPI interface
• Angular rate measurement around Z-axis (yaw)
• ±300°/sec input range
• Ultra low noise
• Excellent bias instability
• 24 bit angular rate output
• Embedded temperature sensor for on-chip or external temperature compensation
• Built-in Self-Test
• 5V single supply voltage
• Low operating current consumption: 25mA
• CLCC 30 package: 19.6 mm x 11.5 mm x 2.9 mm
• Weight : 2 grams
• REACH and RoHS compatible

Applications
• Precision instrumentation
• Platform stabilization and control
• Unmanned aerial vehicles




Số phần tương tự - GYPRO2300LD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CT Micro International ...
GYP160803-CTC3 CTMICRO-GYP160803-CTC3 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
logo
OSRAM GmbH
GYPSLM31.13 OSRAM-GYPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
More results


Mô tả tương tự - GYPRO2300LD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TN3012L VISHAY-TN3012L Datasheet
47Kb / 4P
N-Channel 300-V (D-S) MOSFET
16-Jul-01
logo
Powerex Power Semicondu...
MAS1390P POWEREX-MAS1390P Datasheet
89Kb / 2P
Intellimod Module g Acceleration Sensor 4.75 5.25 Volts
logo
Nihon Inter Electronics...
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
300 A 600 V
logo
New Jersey Semi-Conduct...
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
SCR, V(DRM) = 300 V TO 399.9 V
logo
Analog Power
AM10N30-600I ANALOGPOWER-AM10N30-600I Datasheet
77Kb / 3P
N-Channel 300-V (D-S) MOSFET
AM7300N ANALOGPOWER-AM7300N Datasheet
335Kb / 5P
N-Channel 300-V (D-S) MOSFET
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
logo
Analog Devices
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
logo
Analog Power
AM90N30-290B ANALOGPOWER-AM90N30-290B Datasheet
332Kb / 5P
N-Channel 300-V (D-S) MOSFET
logo
RICOH electronics devic...
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
More results




Giới thiệu về TDK Electronics


TDK Electronics là một công ty con của TDK Corporation, một công ty điện tử đa quốc gia có trụ sở tại Nhật Bản.
TDK Electronics chuyên thiết kế và sản xuất các thành phần điện tử như tụ điện, cuộn cảm và hạt ferrite để sử dụng trong một loạt các ứng dụng bao gồm điện tử tiêu dùng, ô tô và hệ thống công nghiệp.
Công ty được biết đến với các sản phẩm chất lượng cao và các giải pháp sáng tạo, và nó có danh tiếng mạnh mẽ trong ngành công nghiệp điện tử.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com