công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THM60-4822WI bảng dữ liệu (PDF) - TRACO Electronic AG

THM60-4822WI Datasheet PDF - TRACO Electronic AG
tên linh kiện THM60-4822WI
tải về  THM60-4822WI tải về
kích thước tập tin   960.13 Kbytes
Page   5 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện DC/DC Medical Converter THM 60WI Series, 60 Watt

THM60-4822WI Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
THM60-4822WI Datasheet PDF - TRACO Electronic AG

tên linh kiện THM60-4822WI
tải về  THM60-4822WI Click to download

kích thước tập tin   960.13 Kbytes
Page   5 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện DC/DC Medical Converter THM 60WI Series, 60 Watt

THM60-4822WI bảng dữ liệu (HTML) - TRACO Electronic AG


THM60-4822WI Thông tin chi tiết sản phẩm

• Wide 4:1 input voltage 60 W DC/DC
converter in a compact 2.3 x 1.45 ”
plastic case
• I/O isolation 5000 VAC rated for 250
VAC working voltage
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Risk management process according to
ISO 14971
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Low leakage current <4.5 μA
• Operating temperature range: -40 to
+75°C
• EMC compliance according to IEC
60601-1-2 4th edition
• Operating up to 5000m altitude
• 5 year product warranty




Số phần tương tự - THM60-4822WI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
THM60WI TRACOPOWER-THM60WI Datasheet
2Mb / 1P
Heat Sink
Rev. November 30, 2022
More results


Mô tả tương tự - THM60-4822WI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
THM10 TRACOPOWER-THM10 Datasheet
980Kb / 6P
DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THM15 TRACOPOWER-THM15 Datasheet
950Kb / 5P
DC/DC Medical Converter THM 15 Series, 15 Watt
Rev. November 30, 2022
THM15WI TRACOPOWER-THM15WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM20WI TRACOPOWER-THM20WI Datasheet
958Kb / 5P
DC/DC Medical Converter THM 20WI Series, 20 Watt
Rev. November 30, 2022
THM3 TRACOPOWER-THM3 Datasheet
976Kb / 6P
DC/DC Medical Converter THM 3 Series, 3 Watt
Rev. November 30, 2022
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30WI TRACOPOWER-THM30WI Datasheet
1,016Kb / 5P
DC/DC Medical Converter THM 30WI Series, 30 Watt
Rev. November 30, 2022
THM6WI TRACOPOWER-THM6WI Datasheet
978Kb / 5P
DC/DC Medical Converter THM 6WI Series, 6 Watt
Rev. November 30, 2022
THM6 TRACOPOWER-THM6 Datasheet
973Kb / 6P
DC/DC Medical Converter THM 6 Series, 6 Watt
Rev. November 30, 2022
More results




Giới thiệu về TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com