công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7FA2E1A72DFJBC0 bảng dữ liệu (PDF) - Renesas Technology Corp

R7FA2E1A72DFJBC0 Datasheet PDF - Renesas Technology Corp
tên linh kiện R7FA2E1A72DFJBC0
tải về  R7FA2E1A72DFJBC0 tải về
kích thước tập tin   2617.92 Kbytes
Page   117 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.

R7FA2E1A72DFJBC0 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
R7FA2E1A72DFJBC0 Datasheet PDF - Renesas Technology Corp

tên linh kiện R7FA2E1A72DFJBC0
tải về  R7FA2E1A72DFJBC0 Click to download

kích thước tập tin   2617.92 Kbytes
Page   117 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.

R7FA2E1A72DFJBC0 bảng dữ liệu (HTML) - Renesas Technology Corp


R7FA2E1A72DFJBC0 Thông tin chi tiết sản phẩm

Features
■ Arm Cortex-M23 Core
● Armv8-M architecture
● Maximum operating frequency: 48 MHz
● Arm Memory Protection Unit (Arm MPU) with 8 regions
● Debug and Trace: DWT, FPB, CoreSight™ MTB-M23
● CoreSight Debug Port: SW-DP
■ Memory
● Up to 128-KB code flash memory
● 4-KB data flash memory (100,000 program/erase (P/E) cycles)
● 16-KB SRAM
● Memory protection units
● 128-bit unique ID
■ Connectivity
● Serial Communications Interface (SCI) × 4
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple IIC
– Simple SPI
– Smart card interface
● Serial Peripheral Interface (SPI) × 1
● I2C bus interface (IIC) × 1
■ Analog
● 12-bit A/D Converter (ADC12)
● Low-Power Analog Comparator (ACMPLP) × 2
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 1
● General PWM Timer 16-bit (GPT16) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
● Watchdog Timer (WDT)
■ Safety
● SRAM parity error check
● Flash area protection
● ADC self-diagnosis function
● Clock Frequency Accuracy Measurement Circuit (CAC)
● Cyclic Redundancy Check (CRC) calculator
● Data Operation Circuit (DOC)
● Port Output Enable for GPT (POEG)
● Independent Watchdog Timer (IWDT)
● GPIO readback level detection
● Register write protection
● Main oscillator stop detection
● Illegal memory access detection
■ Security and Encryption
● AES128/256
● True Random Number Generator (TRNG)
■ System and Power Management
● Low power modes
● Realtime Clock (RTC)
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● Key Interrupt Function (KINT)
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
■ Human Machine Interface (HMI)
● Capacitive Sensing Unit (CTSU2)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (1 to 20 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (24/32/48/64 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock out support
■ Up to 56 pins for general I/O ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 1.6 to 5.5 V
■ Operating Temperature and Packages
● Ta = -40℃ to +85℃
– 64-pin LQFP (14 mm × 14 mm, 0.8 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 64-pin BGA (4 mm × 4 mm, 0.4 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.5 mm pitch)
– 36-pin LGA (4 mm × 4 mm, 0.5 mm pitch)
– 32-pin LQFP (7 mm × 7 mm, 0.8 mm pitch)
– 32-pin HWQFN (5 mm × 5 mm, 0.5 mm pitch)
– 25-pin WLCSP (2.14 mm × 2.27 mm, 0.4 mm pitch)
● Ta = -40℃ to +105℃
– 64-pin LQFP (14 mm × 14 mm, 0.8 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 64-pin BGA (4 mm × 4 mm, 0.4 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.5 mm pitch)
– 36-pin LGA (4 mm × 4 mm, 0.5 mm pitch)
– 32-pin LQFP (7 mm × 7 mm, 0.8 mm pitch)
– 32-pin HWQFN (5 mm × 5 mm, 0.5 mm pitch)
– 25-pin WLCSP (2.14 mm × 2.27 mm, 0.4 mm pitch)




Số phần tương tự - R7FA2E1A72DFJBC0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R7FA2E1A72DFJ RENESAS-R7FA2E1A72DFJ Datasheet
2Mb / 114P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022
R7FA2E1A72DFJ RENESAS-R7FA2E1A72DFJ Datasheet
2Mb / 121P
Renesas Microcontrollers
Rev.1.70 Oct 31, 2025
More results


Mô tả tương tự - R7FA2E1A72DFJBC0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
Renesas Technology Corp
RA2L1 RENESAS-RA2L1 Datasheet
1Mb / 110P
Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
RA2E1 RENESAS-RA2E1 Datasheet
2Mb / 114P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022
RA2E2 RENESAS-RA2E2 Datasheet
1Mb / 98P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
Mar 31, 2022
RA2L1 RENESAS-RA2L1_V01 Datasheet
1Mb / 111P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
May 20, 2022
S5D5 RENESAS-S5D5 Datasheet
1Mb / 100P
Leading performance 120 MHz Arm® Cortex®-M4 core, up to 1-MB code flash memory, 384-KB SRAM
Rev.1.30 Aug 2019
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
logo
NXP Semiconductors
LPC86X NXP-LPC86X Datasheet
1Mb / 99P
32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
Rev. 3 - 28 April 2023
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




Giới thiệu về Renesas Technology Corp


Renesas Technology Corp là một công ty bán dẫn Nhật Bản cung cấp một loạt các bộ vi điều khiển, hệ thống trên chip và các thiết bị tương tự và năng lượng cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được thành lập vào năm 2010 thông qua việc sáp nhập NEC Electronics Corporation và Renesas Technology Corporation.
Renesas là một trong những nhà cung cấp vi điều khiển lớn nhất thế giới và được biết đến với chuyên môn trong việc phát triển các công nghệ tiên tiến trong các lĩnh vực như Internet of Things (IoT), Trí tuệ nhân tạo (AI) và điện tử ô tô.
Công ty có hoạt động tại hơn 20 quốc gia và các sản phẩm của họ được sử dụng trong một loạt các ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com