công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AOZ32033AQI bảng dữ liệu (PDF) - Alpha & Omega Semiconductors

AOZ32033AQI Datasheet PDF - Alpha & Omega Semiconductors
tên linh kiện AOZ32033AQI
tải về  AOZ32033AQI tải về
kích thước tập tin   750.17 Kbytes
Page   13 Pages
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Giải thích chi tiết về linh kiện Coil Driver for Wireless Charger Transmitter with Slew-Rate Control

AOZ32033AQI Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AOZ32033AQI Datasheet PDF - Alpha & Omega Semiconductors

tên linh kiện AOZ32033AQI
tải về  AOZ32033AQI Click to download

kích thước tập tin   750.17 Kbytes
Page   13 Pages
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Giải thích chi tiết về linh kiện Coil Driver for Wireless Charger Transmitter with Slew-Rate Control

AOZ32033AQI bảng dữ liệu (HTML) - Alpha & Omega Semiconductors


AOZ32033AQI Thông tin chi tiết sản phẩm

General Description
The AOZ32033AQI is an integrated half-bridge solution
with intelligent slew-rate control for wireless charger
application. The device includes the high-side, low-side
N-channel MOSFETs and its driver circuit. Typically, it's
dedicated for the design of wireless charger transmitter
circuit which is composed of full-bridge topology with
resonant tank circuit to get best efficiency of power
converter.
The AOZ32033AQI provides adjustable gate drive sink
and source current control, by doing this control
methodology, it's able to optimize EMI and driver losses
to improve overall efficiency performance. Moreover, the
features of AOZ32033AQI have multiple protection
functions such as VCC UVLO, over temperature
protection to make the design more robust.
The AOZ32033AQI is available in a 3mm×3mm QFN-18L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Maximum operating input voltage 28V
– Support 12V & 24V voltage rail system
 15W~30W coil driver
– For wireless charger transmitter circuit
 Slew-rate control to improve EMI performance
 Integrated bootstrap diode
 Support protection
–OTP, UVLO
 Thermally enhanced 18-pin 3×3 QFN

Applications
 Wireless charger TX




Số phần tương tự - AOZ32033AQI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha & Omega Semicondu...
AOZ32034AQV AOSMD-AOZ32034AQV Datasheet
1Mb / 12P
Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.1 January 2022
More results


Mô tả tương tự - AOZ32033AQI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Fairchild Semiconductor
FDG901D FAIRCHILD-FDG901D Datasheet
205Kb / 6P
Slew Rate Control Driver IC for P-Channel MOSFETs
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Fairchild Semiconductor
FPF2411 FAIRCHILD-FPF2411 Datasheet
1Mb / 13P
Switch with Slew Rate Control and RCB
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
Analog Devices
ADUM4177 AD-ADUM4177 Datasheet
1Mb / 32P
30 A Isolated SiC Gate Driver with Slew Rate Control and SPI
logo
Vishay Siliconix
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Alpha & Omega Semicondu...
AOZ32034AQV AOSMD-AOZ32034AQV Datasheet
1Mb / 12P
Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.1 January 2022
More results




Giới thiệu về Alpha & Omega Semiconductors


Bán dẫn Alpha & Omega (AOS) là một công ty bán dẫn toàn cầu chuyên về thiết kế và sản xuất các mạch tích hợp quản lý năng lượng (ICS).
Công ty được thành lập vào năm 1995 và có trụ sở tại San Jose, California.
AOS cung cấp một loạt các giải pháp quản lý năng lượng cho các ứng dụng trong các thiết bị điện tử tiêu dùng, điện toán, viễn thông và hệ thống công nghiệp, trong số những người khác.
Công ty được biết đến với công nghệ tiên tiến và các sản phẩm sáng tạo, và nó có một danh tiếng mạnh mẽ trong ngành công nghiệp bán dẫn.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com