công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H1111HBL/EM bảng dữ liệu (PDF) - Texas Instruments

PTPS7H1111HBL/EM Datasheet PDF - Texas Instruments
tên linh kiện PTPS7H1111HBL/EM
tải về  PTPS7H1111HBL/EM tải về
kích thước tập tin   2646.28 Kbytes
Page   59 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator

PTPS7H1111HBL/EM Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
PTPS7H1111HBL/EM Datasheet PDF - Texas Instruments

tên linh kiện PTPS7H1111HBL/EM
tải về  PTPS7H1111HBL/EM Click to download

kích thước tập tin   2646.28 Kbytes
Page   59 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator

PTPS7H1111HBL/EM bảng dữ liệu (HTML) - Texas Instruments


PTPS7H1111HBL/EM Thông tin chi tiết sản phẩm

1 Features
• Total ionizing dose (TID) characterized
– Radiation hardness assurance (RHA)
availability of 100 krad(Si) or 50 krad(Si)
• Single-event effects (SEE) characterized
– Single-event latchup (SEL), single-event
burnout (SEB), and single-event gate rupture
(SEGR) immune up to linear energy transfer
(LET) = 75 MeV-cm2/mg
– Single-event functional interrupt (SEFI) and
single-event transient (SET) characterized up to
LET = 75 MeV-cm2/mg
• Ultra-Low Noise (10 Hz – 100 kHz):
– 1.71 μVRMS (typ)
• High power-supply rejection ratio, PSRR (typ):
– 109 dB at 1 kHz
– 71 dB at 100 kHz
– 66 dB at 1 MHz
• Input voltage range from 0.85 V to 7 V
• Bias supply of 2.2 V to 14 V to minimize power
dissipation
• Output voltage as low as 0.4 V
• Up to 1.5-A output current
• Excellent output accuracy over line and load:
– +1.1% / –1.3% across temperature
– +0.9% / –0.7% at 25°C
• Low-dropout: 215 mV (typ) at 1.5 A
• Programmable soft start control (SS_SET)
• Open-drain power good (PG) indicator
• Configurable power good threshold (FB_PG)
• Exposed control loop with the external
compensation STAB pin
• Internal current limit with configurable behavior
• Current sharing to allow operation of up to 2.9-A
• Military (–55°C to 125°C) temperature range

2 Applications
• Satellite electrical power system (EPS)
• Power for high-speed and high-accuracy circuits
– Data Converters: ADCs and DACs (analog-todigital
and digital-to-analog converters)
– VCOs (voltage controlled oscillators)
– PLLs (phase-lock-loops)
– SerDes (serializer and deserializers)
– Imaging sensors
• Accurate supply for FPGAs (field programmable
gate arrays) and DSPs (digital signal processors)
• Radiation-hardened ultra-clean analog supply for
space constrained areas

3 Description
The TPS7H1111 is an ultra-low noise, high PSRR, low
dropout linear regulator (LDO) optimized for powering
RF (radio frequency) devices in a space environment.
It is capable of sourcing up to 1.5 A over a 0.85-V to
7-V input range with a 2.2-V to 14-V bias supply.
The high performance of the device limits powersupply
generated phase noise and clock jitter, making
this device ideal for powering high-performance
ADCs, DACs, VCOs, PLLs, SerDes, and other RF
components in satellites. For digital loads (such as
FPGAs and DSPs) requiring low voltage operation,
the exceptional accuracy and excellent transient
performance ensure optimal system performance.
A standard microcircuit drawing (SMD) is available
for the QML variants, 5962R21203. A vendor item
drawing (VID) is available for the SEP variant,
V62/23602.




Số phần tương tự - PTPS7H1111HBL/EM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PTPS7H1111HBL/EM TI-PTPS7H1111HBL/EM Datasheet
3Mb / 60P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED APRIL 2023
More results


Mô tả tương tự - PTPS7H1111HBL/EM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP_16 Datasheet
995Kb / 29P
Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS7H1111-SP TI-TPS7H1111-SP_V01 Datasheet
3Mb / 60P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED APRIL 2023
TPS7H1111-SP TI1-TPS7H1111-SP_V02 Datasheet
3Mb / 68P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED AUGUST 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com