công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCC27289DPR bảng dữ liệu (PDF) - Texas Instruments

UCC27289DPR Datasheet PDF - Texas Instruments
tên linh kiện UCC27289DPR
tải về  UCC27289DPR tải về
kích thước tập tin   2347.46 Kbytes
Page   37 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling

UCC27289DPR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
UCC27289DPR Datasheet PDF - Texas Instruments

tên linh kiện UCC27289DPR
tải về  UCC27289DPR Click to download

kích thước tập tin   2347.46 Kbytes
Page   37 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling

UCC27289DPR bảng dữ liệu (HTML) - Texas Instruments


UCC27289DPR Thông tin chi tiết sản phẩm

1 Features
• Drives two N-channel MOSFETs in high-side lowside
configuration
• Enable/disable functionality in DRC package
• Low current (7-μA) consumption when disabled
• 16-ns typical propagation delay
• 12-ns rise, 10-ns fall time with 1800-pF load
(typical)
• 1-ns typical delay matching
• Integrated 100V bootstrap diode
• 8-V typical undervoltage lockout
• Absolute maximum negative voltage handling on
inputs (–5 V)
• Absolute maximum negative voltage handling on
HS (–14 V)
• ±3-A peak output current
• Absolute maximum boot voltage 120 V
• Inputs are independent of each other and VDD
• Under voltage lockout for both channels
• Specified from –40°C to 140°C junction
temperature

2 Applications
• Merchant network & server PSU
• Merchant telecom rectifiers
• DC input BLDC motor drive
• Solar micro inverters
• Test & measurement equipment

3 Description
The UCC27289 is a robust N-channel MOSFET driver
with a maximum switch node (HS) voltage rating
of 100 V. It allows for two N-channel MOSFETs
to be controlled in half-bridge or synchronous buck
configuration based topologies. Its 3-A peak source
and sink current along with low pull-up and pulldown
resistance allows the UCC27289 to drive large
power MOSFETs with minimum switching losses
during the transition of the MOSFET Miller plateau.
Since the inputs are independent of the supply
voltage, UCC27289 can be used in conjunction with
both analog and digital controllers. Two inputs are
completely independent of each other and thus two
outputs can be overlapped by overlapping inputs,
if needed. The enable and disable functionality
provides additional system flexibility by reducing
power consumption by the driver and responds to
fault events within the system.
The input pins as well as the HS pin are able to
tolerate significant negative voltage, which improves
system robustness. Small propagation delay and
delay matching specifications minimize the dead-time
requirement which improves system efficiency.
Under voltage lockout (UVLO) is provided for both
the high-side and low-side driver stages forcing
the outputs low if the VDD voltage is below the
specified threshold. An integrated bootstrap diode
eliminates the need for an external discrete diode
in many applications, which saves board space and
reduces system cost. UCC27289 is offered in multiple
packages to accommodate system requirements such
as robustness in harsh environments and density in
compact applications.




Số phần tương tự - UCC27289DPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC27289DPR TI-UCC27289DPR Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
UCC27289DPR TI-UCC27289DPR Datasheet
2Mb / 36P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
More results


Mô tả tương tự - UCC27289DPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC27284 TI1-UCC27284 Datasheet
1Mb / 30P
UCC27284 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
UCC27284-Q1 TI1-UCC27284-Q1 Datasheet
1Mb / 32P
UCC27284-Q1 Automotive 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
UCC27289 TI-UCC27289 Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
UCC27284 TI-UCC27284_V01 Datasheet
2Mb / 37P
UCC27284 3-A 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
REVISED APRIL 2022
UCC27289 TI-UCC27289_V01 Datasheet
2Mb / 36P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
UCC27284 TI-UCC27284_V02 Datasheet
2Mb / 38P
UCC27284 3-A 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
REVISED APRIL 2022
UCC27301A-Q1 TI1-UCC27301A-Q1 Datasheet
1Mb / 33P
UCC27301A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Cross Conduction Protection, and Enable
REVISED AUGUST 2023
UCC27311A-Q1 TI1-UCC27311A-Q1 Datasheet
1Mb / 27P
UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com