công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0638280700 bảng dữ liệu (PDF) - Molex Electronics Ltd.

0638280700 Datasheet PDF - Molex Electronics Ltd.
tên linh kiện 0638280700
tải về  0638280700 tải về
kích thước tập tin   21.29 Kbytes
Page   1 Pages
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Giải thích chi tiết về linh kiện Hand Crimp Tool for EconoLatch Male and Female Terminals, 20 AWG UL1007and UL1061 wires

0638280700 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
0638280700 Datasheet PDF - Molex Electronics Ltd.

tên linh kiện 0638280700
tải về  0638280700 Click to download

kích thước tập tin   21.29 Kbytes
Page   1 Pages
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Giải thích chi tiết về linh kiện Hand Crimp Tool for EconoLatch Male and Female Terminals, 20 AWG UL1007and UL1061 wires

0638280700 bảng dữ liệu (HTML) - Molex Electronics Ltd.


0638280700 Thông tin chi tiết sản phẩm

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name EconoLatch
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 889056692335
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Số phần tương tự - 0638280700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0638280200 MOLEX-0638280200 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit 3.0 Female Crimp Terminals, 0.75mm² and 18AWG (UL1061) wires
08/26/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
0638280600 MOLEX-0638280600 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 16-18 AWG UL1061 and 18 AWG UL1007 wires
08/26/2022
0638280800 MOLEX-0638280800 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 22 AWG UL1007and UL1061 wires
08/26/2022
0638280900 MOLEX-0638280900 Datasheet
30Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, 18 AWG
08/26/2022
More results


Mô tả tương tự - 0638280700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0638275300 MOLEX11-0638275300 Datasheet
36Kb / 1P
Hand Crimp Tool for Ultra-Fit Crimp Terminals, 16-18 AWG (UL1061) wires
0638275400 MOLEX11-0638275400 Datasheet
64Kb / 1P
Hand Crimp Tool for Ultra-Fit Crimp Terminals, 20-22 AWG (UL1061) wires
63828-0600 MOLEX-63828-0600 Datasheet
665Kb / 6P
Hand Crimp Tool for EconoLatch Male and Female Crimp Terminals
07-25-16
2002186000 MOLEX-2002186000 Datasheet
40Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Male Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
03/01/2022
2002186200 MOLEX-2002186200 Datasheet
40Kb / 2P
Hand Crimp Tool for Micro-Fit Female and Micro-Fit TPA Male Crimp Terminals, 30 AWG, UL1007 and UL1061 Wires
03/01/2022
ATS-638280600 MOLEX-ATS-638280600 Datasheet
665Kb / 6P
Hand Crimp Tool for EconoLatch Male and Female Crimp Terminals
07-25-16
ATS-638280800 MOLEX-ATS-638280800 Datasheet
519Kb / 6P
Hand Crimp Tool for EconoLatch® Male and Female Crimp Terminals
2-10-17
0638280200 MOLEX-0638280200 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit 3.0 Female Crimp Terminals, 0.75mm² and 18AWG (UL1061) wires
08/26/2022
0638280600 MOLEX-0638280600 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 16-18 AWG UL1061 and 18 AWG UL1007 wires
08/26/2022
0638280800 MOLEX-0638280800 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 22 AWG UL1007and UL1061 wires
08/26/2022
More results




Giới thiệu về Molex Electronics Ltd.


Molex Electronics Ltd. là một công ty con của Koch Industries, Inc., và là nhà sản xuất toàn cầu các giải pháp kết nối điện tử và sợi quang.

Công ty được thành lập vào năm 1938 và có trụ sở tại Lisle, Illinois.

Molex cung cấp một loạt các sản phẩm kết nối bao gồm đầu nối, lắp ráp cáp, công tắc và các thành phần thụ động khác.

Những sản phẩm này được sử dụng trong các ngành công nghiệp khác nhau bao gồm ô tô, truyền thông dữ liệu, điện tử tiêu dùng, thiết bị công nghiệp, thiết bị y tế và viễn thông.

Với các hoạt động và cơ sở tại hơn 40 quốc gia, Molex được biết đến với sự đổi mới và lãnh đạo công nghệ trong thị trường Giải pháp kết nối.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com