công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1ST040EH1F50E2VGS1 bảng dữ liệu (PDF) - Intel Corporation

1ST040EH1F50E2VGS1 Datasheet PDF - Intel Corporation
tên linh kiện 1ST040EH1F50E2VGS1
tải về  1ST040EH1F50E2VGS1 tải về
kích thước tập tin   341.12 Kbytes
Page   39 Pages
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation
Giải thích chi tiết về linh kiện Intel® Stratix® 10 TX Device Overview

1ST040EH1F50E2VGS1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
1ST040EH1F50E2VGS1 Datasheet PDF - Intel Corporation

tên linh kiện 1ST040EH1F50E2VGS1
tải về  1ST040EH1F50E2VGS1 Click to download

kích thước tập tin   341.12 Kbytes
Page   39 Pages
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation
Giải thích chi tiết về linh kiện Intel® Stratix® 10 TX Device Overview

1ST040EH1F50E2VGS1 bảng dữ liệu (HTML) - Intel Corporation


1ST040EH1F50E2VGS1 Thông tin chi tiết sản phẩm

Intel® Stratix® 10 TX FPGAs feature power-efficient, dual-mode transceivers, capable
of both 57.8 Gbps PAM4 (Pulse Amplitude Modulation) and 28.9 Gbps NRZ (Non
Return to Zero) operation. Supported by hardened PCI Express Gen 3 and 10/25/100
Gbps Ethernet MAC IP blocks, these devices can deliver over 8 Tbps of aggregate
bandwidth, meeting the demanding transceiver bandwidth and power budget
specifications of next generation designs.
In addition to the 57.8 Gbps PAM4 / 28.9 Gbps NRZ dual-mode transceivers, Intel
Stratix 10 TX devices feature several other breakthrough innovations. These include
all new HyperFlex® core architecture, hardened floating point DSP blocks, hardened
external memory controllers and advanced packaging technology based on Intel's
Embedded Multi-die Interconnect Bridge (EMIB).
With an embedded quad-core 64-bit Arm* Cortex*-A53 hard processor system (HPS)
available in select devices, Intel Stratix 10 TX FPGAs deliver power efficient,
application-class processing, and allow designers to extend hardware virtualization
into the FPGA fabric.
Intel Stratix 10 TX FPGAs integrate a monolithic 14 nm FPGA fabric die with multiple
high-speed transceiver tiles, all inside a single flip-chip BGA package. This
implementation, combined with the unmatched transceiver bandwidth and core fabric
performance, demonstrates Intel's commitment to deliver high-performance
programmable solutions to your most challenging system design problems.
Important innovations in Intel Stratix 10 TX devices include:
• All new Intel Hyperflex™ core architecture delivering 2X the core performance
compared to previous generation high-performance FPGAs
• Intel 14 nm tri-gate (FinFET) technology
• Heterogeneous 3D System-in-Package (SiP) technology
• Monolithic core fabric with up to 2.8 million logic elements (LEs)
• Up to 144 full duplex transceiver channels on heterogeneous 3D SiP transceiver tiles
• Transceiver data rates up to 57.8 Gbps PAM4 and 28.9 Gbps NRZ for chip-to-chip,
chip-to-module, and backplane applications
• Embedded eSRAM (47.25 Mbit) in select devices, and M20K (20 Kb) internal SRAM
memory blocks
• Fractional synthesis and ultra-low jitter LC tank based transmit phase locked loops
(PLLs)
• Hard PCI Express® Gen3 x16 intellectual property (IP) blocks
• Hard 10/25/100 Gbps Ethernet MAC with dedicated Reed-Solomon FEC for NRZ
signals (528, 514) and PAM4 signals (544, 514)




Số phần tương tự - 1ST040EH1F50E2VGS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
More results


Mô tả tương tự - 1ST040EH1F50E2VGS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Altera Corporation
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
Stratix III Device Family Overview
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
Stratix V Device Overview
logo
Microchip Technology
MPFS250T-1FCG1152E MICROCHIP-MPFS250T-1FCG1152E Datasheet
771Kb / 50P
PolarFire® SoC Product Overview
C 07/2021
logo
Intel Corporation
10M50DCF256I7G INTEL-10M50DCF256I7G Datasheet
737Kb / 72P
Intel® MAX® 10 FPGA Device Datasheet
2020.06.30
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
M10 INTEL-M10 Datasheet
240Kb / 14P
Intel® MAX® 10 FPGA Device Overview
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
logo
Intel Corporation
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
Intel® Desktop Board
July 2013 Rev. -006
More results




Giới thiệu về Intel Corporation


Intel Corporation là một công ty công nghệ và tập đoàn đa quốc gia Mỹ có trụ sở tại Santa Clara, California.
Đây là một trong những nhà sản xuất chip bán dẫn có giá trị cao nhất và cao nhất thế giới, dựa trên doanh thu.
Intel được biết đến nhiều nhất với sự phát triển của bộ vi xử lý, các đơn vị xử lý trung tâm (CPU) của máy tính.
Được thành lập vào năm 1968, Intel là người dẫn đầu trong ngành công nghiệp phần cứng máy tính trong hơn năm thập kỷ.
Ngoài các bộ vi xử lý, công ty còn cung cấp một loạt các sản phẩm và công nghệ, bao gồm trung tâm dữ liệu và thiết bị mạng, ổ đĩa trạng thái rắn, thiết bị Internet of Things (IoT), v.v.
Intel cũng là một người chơi hàng đầu trong việc phát triển mạng 5G và phương tiện tự trị.
Tập trung vào sự đổi mới và lãnh đạo công nghệ, Intel tiếp tục đóng một vai trò quan trọng trong việc định hình tương lai của máy tính và công nghệ.
Công ty đầu tư rất nhiều vào nghiên cứu và phát triển và đã được trao hơn 17.000 bằng sáng chế cho những đổi mới của mình.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com