công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

10424-C bảng dữ liệu (PDF) - ATGBICS by Approved Technology

10424-C Datasheet PDF - ATGBICS by Approved Technology
tên linh kiện 10424-C
tải về  10424-C tải về
kích thước tập tin   210.76 Kbytes
Page   6 Pages
nhà sản xuất  ATGBICS [ATGBICS by Approved Technology]
Trang chủ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Giải thích chi tiết về linh kiện 10424 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)

10424-C Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
10424-C Datasheet PDF - ATGBICS by Approved Technology

tên linh kiện 10424-C
tải về  10424-C Click to download

kích thước tập tin   210.76 Kbytes
Page   6 Pages
nhà sản xuất  ATGBICS [ATGBICS by Approved Technology]
Trang chủ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Giải thích chi tiết về linh kiện 10424 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)

10424-C bảng dữ liệu (HTML) - ATGBICS by Approved Technology


10424-C Thông tin chi tiết sản phẩm

Features

ATGBICS 10424 compatible 100GBase QSFP28 to 4x25G SFP28 direct attach breakout cable operates over passive copper with a cable length of 5m.

It is suitable for very short distances and provides a cost-efficient way to connect hardware within close proximity racks.

This breakout cable connects to 1 x 100G QSFP+ port of a switch on one end and to 4 x 25G SFP+ ports of a switch on the other end.

 Our product meets the specification of Extreme 10424= and we proudly offer a compatibility guarantee and lifetime warranty.

Our rigorously tested products record a unique traceable serial number and are fully compliant with all MSA Standards and protocols including; IEEE802.

3bj, InfiniBand EDR, MSA SFF-8665 & SFF-8402.

.

Category

Networking Cables.

Warrenty note

Limited Lifetime.




Số phần tương tự - 10424-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Heyco.
10424 HEYCO-10424 Datasheet
101Kb / 1P
Nylon PCB Supports - Reverse Locking
logo
Extreme Networks.
10424 EXTREMENETWORKS-10424 Datasheet
206Kb / 10P
High-performance 24-port 10Gb aggregation switch
30aug23
10424 EXTREMENETWORKS-10424 Datasheet
219Kb / 11P
High-performance 48-port 10Gb aggregation and leaf switch
16aug23
10424 EXTREMENETWORKS-10424 Datasheet
205Kb / 9P
100Gb Spine Switch and High Density 10Gb Leaf Switch
11aug23
logo
Lapp.
10424000 LAPP-10424000 Datasheet
333Kb / 9P
3.1 EPIC® DA-VINCI H-A
More results


Mô tả tương tự - 10424-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
100G-Q28-S28-C-0501-C ATGBICS-100G-Q28-S28-C-0501-C Datasheet
211Kb / 6P
100G-Q28-S28-C-0501 Brocade Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
10421-C ATGBICS-10421-C Datasheet
210Kb / 6P
10421 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (1m, Passive)
10423-C ATGBICS-10423-C Datasheet
210Kb / 6P
10423 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (3m, Passive)
25GB-4-C02-QSFP28-C ATGBICS-25GB-4-C02-QSFP28-C Datasheet
211Kb / 6P
25GB-4-C02-QSFP28 Extreme Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (2m, Passive)
470-ADXU-C ATGBICS-470-ADXU-C Datasheet
211Kb / 6P
470-ADXU Dell Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
CAB-Q-4S-100G-5M-C ATGBICS-CAB-Q-4S-100G-5M-C Datasheet
211Kb / 6P
CAB-Q-4S-100G-5M Arista Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
DAC-Q28-S28-5M-C ATGBICS-DAC-Q28-S28-5M-C Datasheet
211Kb / 6P
DAC-Q28-S28-5M Huawei Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
MCP7F00-A005R26L-C ATGBICS-MCP7F00-A005R26L-C Datasheet
211Kb / 6P
MCP7F00-A005R26L NVIDIA Mellanox Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
QSFP-4SFP25G-CU5M-C ATGBICS-QSFP-4SFP25G-CU5M-C Datasheet
211Kb / 6P
QSFP-4SFP25G-CU5M Cisco Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
QSFP28-4SFP28-CU-5M-C ATGBICS-QSFP28-4SFP28-CU-5M-C Datasheet
211Kb / 6P
QSFP28-4SFP28-CU-5M H3C Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (5m, Passive)
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com