công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDUI3000A bảng dữ liệu (PDF) - Littelfuse

TDUI3000A Datasheet PDF - Littelfuse
tên linh kiện TDUI3000A
tải về  TDUI3000A tải về
kích thước tập tin   398.68 Kbytes
Page   2 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện Time Delay Relays / Dedicated - Interval

TDUI3000A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TDUI3000A Datasheet PDF - Littelfuse

tên linh kiện TDUI3000A
tải về  TDUI3000A Click to download

kích thước tập tin   398.68 Kbytes
Page   2 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện Time Delay Relays / Dedicated - Interval

TDUI3000A bảng dữ liệu (HTML) - Littelfuse


TDUI3000A Thông tin chi tiết sản phẩm

Description
The TDUI Series combines digital timing circuitry with universal
voltage operation. Voltages of 24 to 240VAC and 12 to 24VDC
are available in three ranges. The TDUI Series offers DIP switch
selectable time delays ranging from 0.1 seconds to 102.3
minutes in three ranges. Its 1A rated output, ability to operate
on multiple voltages, and wide range of switch selectable time
delays make the TDUI Series an excellent choice for process
control systems and OEM equipment.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output energizes during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%,
Setting accuracy + / - 2%
Compact design Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide voltage ranges Flexibility to handle multiple voltages found in
control systems and OEM applications
DIP switch Adjustment Provides first time setting accuracy




Số phần tương tự - TDUI3000A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Automatic Timing & Cont...
TDU ATC-TDU Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKA ATC-TDU-12-DKA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKB ATC-TDU-12-DKB Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DLA ATC-TDU-12-DLA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
More results


Mô tả tương tự - TDUI3000A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
More results




Giới thiệu về Littelfuse


Littelfuse là một công ty Mỹ chuyên thiết kế và sản xuất các sản phẩm bảo vệ và bảo vệ mạch.
Công ty được thành lập vào năm 1927 và có trụ sở tại Chicago, Illinois.
Littelfuse cung cấp một loạt các sản phẩm bao gồm cầu chì, thiết bị bảo vệ và điều khiển và các sản phẩm polymer.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như ô tô, công nghiệp và điện tử tiêu dùng.
Littelfuse được biết đến với chuyên môn về công nghệ bảo vệ và kiểm soát mạch và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, Littelfuse cũng cung cấp các giải pháp cho thị trường Trung tâm Dữ liệu và Năng lượng Tái tạo.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com