công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

400DBCAA0 bảng dữ liệu (PDF) - ON Semiconductor

400DBCAA0 Datasheet PDF - ON Semiconductor
tên linh kiện 400DBCAA0
tải về  400DBCAA0 tải về
kích thước tập tin   4907.5 Kbytes
Page   47 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Fixed Frequency Current Mode Controller for Flyback Converters

400DBCAA0 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
400DBCAA0 Datasheet PDF - ON Semiconductor

tên linh kiện 400DBCAA0
tải về  400DBCAA0 Click to download

kích thước tập tin   4907.5 Kbytes
Page   47 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Fixed Frequency Current Mode Controller for Flyback Converters

400DBCAA0 bảng dữ liệu (HTML) - ON Semiconductor


400DBCAA0 Thông tin chi tiết sản phẩm

The NCP12400 is a new fixed−frequency current−mode controller
featuring the Dynamic Self−Supply. This function greatly simplifies
the design of the auxiliary supply and the VCC capacitor by activating
the internal startup current source to supply the controller during
start−up, transients, latch, stand−by etc. This device contains a special
HV detector which detects the application unplug from the ac input
line and triggers the X2 discharge current. This HV structure allows
the brown−out detection as well.
It features a timer−based fault detection that ensures the detection of
overload and an adjustable compensation to help keep the maximum
power independent of the input voltage.
Due to frequency foldback, the controller exhibits excellent
efficiency in light load condition while still achieving very low
standby power consumption. Internal frequency jittering, ramp
compensation, and a versatile latch input make this controller an
excellent candidate for the robust power supply designs.
A dedicated Off Mode allows to reach the extremely low no load
input power consumption via “sleeping” whole device and thus
minimize the power consumption of the control circuitry.

Features
• Fixed−Frequency Current−Mode Operation 65 kHz or 100 kHz
Frequency Options
• Frequency Foldback then Skip Mode for Maximized Performance
in Light Load and Standby Conditions
• Timer−Based Overload Protection with Latched (Option A) or
Autorecovery (Option B) Operation
• High−Voltage Current Source with Brown−Out Detection and
Dynamic Self−Supply, Simplifying the Design of the VCC Circuitry
• Frequency Modulation for Softened EMI Signature
• Adjustable Overpower Protection Dependant on the Mains Voltage
• Fault Input for Overvoltage and Over Temperature Protection
• VCC Operation up to 28 V, with Overvoltage Detection
• 300/500 mA Source/Sink Drive Peak Current Capability
• 4/10 ms Soft−Start
• Internal Thermal Shutdown
• No−Load Standby Power < 30 mW
• X2 Capacitor in EMI Filter Discharging Feature
• These are Pb−Free Devices

Typical Applications
• Offline Adapters for Notebooks, LCD, and Printers
• Offline Battery Chargers
• Consumer Electronic Power Supplies
• Auxiliary/Housekeeping Power Supplies
• Offline Adapters for Notebooks




Số phần tương tự - 400DBCAA0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
400DMQ035 IRF-400DMQ035 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
400DMQ040 IRF-400DMQ040 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
400DMQ045 IRF-400DMQ045 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
logo
Nell Semiconductor Co.,...
400DR NELLSEMI-400DR Datasheet
1Mb / 8P
Standard Recovery Diodes
More results


Mô tả tương tự - 400DBCAA0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1247 ONSEMI-NCP1247 Datasheet
1Mb / 42P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2013 ??Rev. 0
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com