công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CG5470MSTR bảng dữ liệu (PDF) - Littelfuse

CG5470MSTR Datasheet PDF - Littelfuse
tên linh kiện CG5470MSTR
tải về  CG5470MSTR tải về
kích thước tập tin   938.25 Kbytes
Page   5 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện Gas Discharge Tubes CG5 and SL0902A Series

CG5470MSTR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
CG5470MSTR Datasheet PDF - Littelfuse

tên linh kiện CG5470MSTR
tải về  CG5470MSTR Click to download

kích thước tập tin   938.25 Kbytes
Page   5 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện Gas Discharge Tubes CG5 and SL0902A Series

CG5470MSTR bảng dữ liệu (HTML) - Littelfuse


CG5470MSTR Thông tin chi tiết sản phẩm

Description
Littelfuse Broadband Optimized™ SL0902A Series offers
high surge ratings in a miniature package. Special design
features provide high levels of protection against fast
rising transients in the 100V/μs to 1kV/μs range usually
caused by lightning disturbances. Low insertion loss is
perfectly suited to broadband equipment applications.
The capacitance does not vary with voltage, and will
not cause operational problems with ADSL2+, where
capacitance variation across Tip and Ring is undesirable.
These devices are extremely robust and are able to
divert a 2500A pulse without destruction. For AC
Power Cross of long duration, overcurrent protection is
recommended.
Littelfuse CG5 MS mini surge arresters are specifically
designed for protection of electrical and communication
equipment against over voltage transients in surface
mount assembly applications. This series offers the
most cutting edge protection using non-radioactive
elements.

Features
• RoHS compliant and
Lead-free
• GHz working
frequency
• Excellent stability on
multiple pulse duty
cycle
• Excellent response to
fast rising transients.
• Ultra Low Insertion
Loss
• 5KA surge capability
tested with 8/20μS
pulse as defined by
IEC 61000-4-5, 2nd
edition
• Ultra small devices
offered in a variety of
mounting lead forms
• Non-Radioactive
• Low capacitance
(<1pF)
• Voltage Ranges 90V to
600V
• UL Recognized
• Conforms to ITU-T
K12, IEC 61000-4-5,
2nd edition

Applications
• Communication
equipment
• CATV equipment
• Test equipment
• Data lines
• Power supplies
• Telecom SLIC
protection
• Broadband equipment
• ADSL equipment,
including ADSL2+
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment




Số phần tương tự - CG5470MSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
CG5400 LITTELFUSE-CG5400 Datasheet
1Mb / 5P
Gas Discharge Tube (GDT) Products
More results


Mô tả tương tự - CG5470MSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results




Giới thiệu về Littelfuse


Littelfuse là một công ty Mỹ chuyên thiết kế và sản xuất các sản phẩm bảo vệ và bảo vệ mạch.
Công ty được thành lập vào năm 1927 và có trụ sở tại Chicago, Illinois.
Littelfuse cung cấp một loạt các sản phẩm bao gồm cầu chì, thiết bị bảo vệ và điều khiển và các sản phẩm polymer.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như ô tô, công nghiệp và điện tử tiêu dùng.
Littelfuse được biết đến với chuyên môn về công nghệ bảo vệ và kiểm soát mạch và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, Littelfuse cũng cung cấp các giải pháp cho thị trường Trung tâm Dữ liệu và Năng lượng Tái tạo.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com