công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSRD620CT bảng dữ liệu (PDF) - ON Semiconductor

MSRD620CT Datasheet PDF - ON Semiconductor
tên linh kiện MSRD620CT_V01
tải về  MSRD620CT tải về
kích thước tập tin   209.04 Kbytes
Page   7 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package

MSRD620CT Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MSRD620CT Datasheet PDF - ON Semiconductor

tên linh kiện MSRD620CT_V01
tải về  MSRD620CT Click to download

kích thước tập tin   209.04 Kbytes
Page   7 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package

MSRD620CT bảng dữ liệu (HTML) - ON Semiconductor


MSRD620CT Thông tin chi tiết sản phẩm

State−of−the−art geometry features epitaxial construction with
glass passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies, free wheeling
diode and polarity protection diodes.

Features
• Soft Ultrafast Recovery (35 ns typ)
• Highly Stable Oxide Passivated Junction
• Matched Dual Die Construction − May Be Paralleled for High
Current Output
• Short Heat Sink Tab Manufactured − Not Sheared
• Epoxy Meets UL 94 V−0 @ 0.125 in.
• NRVSRD and SSRD8 Prefixes for Automotive and Other
Applications Requiring Unique Site and Control Change
Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant*

Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 0.4 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• ESD Ratings:
♦ Machine Model = C
♦ Human Body Model = 2




Số phần tương tự - MSRD620CT_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MSRD620CT/D ONSEMI-MSRD620CT/D Datasheet
73Kb / 6P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
73Kb / 6P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
156Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
69Kb / 6P
Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
MSRD620CTG ONSEMI-MSRD620CTG_12 Datasheet
156Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
More results


Mô tả tương tự - MSRD620CT_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
Soft Recovery Ultrafast Plastic Rectifier
14-May-03
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
23-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
ON Semiconductor
MSRD620CT ONSEMI-MSRD620CT_16 Datasheet
69Kb / 6P
Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
Soft Recovery Ultrafast Plastic Rectifier
29-Apr-2020
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com