công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC35679IFTG-002 bảng dữ liệu (PDF) - Toshiba Semiconductor

TC35679IFTG-002 Datasheet PDF - Toshiba Semiconductor
tên linh kiện TC35679IFTG-002
tải về  TC35679IFTG-002 tải về
kích thước tập tin   586.32 Kbytes
Page   45 Pages
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Giải thích chi tiết về linh kiện TC35679IFTG-002 Bluetooth® low energy IC

TC35679IFTG-002 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TC35679IFTG-002 Datasheet PDF - Toshiba Semiconductor

tên linh kiện TC35679IFTG-002
tải về  TC35679IFTG-002 Click to download

kích thước tập tin   586.32 Kbytes
Page   45 Pages
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Giải thích chi tiết về linh kiện TC35679IFTG-002 Bluetooth® low energy IC

TC35679IFTG-002 bảng dữ liệu (HTML) - Toshiba Semiconductor


TC35679IFTG-002 Thông tin chi tiết sản phẩm

1. General Description
1.1. Product Concept
TC35679IFTG (Later omitted TC35679.) is compliant with Bluetooth® core specification 4.2. RF analog parts and baseband digital
parts are built in it, and TC35679 provides Bluetooth® HCI (Host Control Interface) functions and Bluetooth® low energy GATT profile
functions defined by Bluetooth® specifications. TC35679 works as an application using Bluetooth® low energy communication system
by connected with external host processor or external non-volatile memory.

Features
 Compliant with Bluetooth® Ver4.2 low energy
 Built-in ARM® Cortex®-M0 (13 MHz or 26 MHz operation frequency is able to select to run)
 On-chip mask ROM for Bluetooth® program (384 KB)
 On-chip work RAM for Bluetooth® Baseband process (192 KB)
 Supports patch program loader function
 General Purpose IO (17 ports)
 General Purpose Serial Interfaces
 SPI interface (1 ch - shared with a General Purpose IO)
 I2C interface (1 ch - shared with a General Purpose IO)
 Host CPU Interface
 UART interface (9600 bps to 921.6 kbps, 2 ch - shared with GPIOs)
 SPI interface
 Emulator debug control interface
 SWD ( Serial Wire Debug) 2-wire (1 ch)
 Wake-up Interface (2 ch - shared with General Purpose IOs)
 Wake-up input function from sleep and deep sleep
 PWM Interface (4 ch assigned to General Purpose IOs)
 Reference Clock Input (26 MHz)
 Built-in oscillator for crystal oscillator connection
 Sleep Clock Supported (32.768 kHz)
 External oscillator input supported
 Built-in oscillator for crystal oscillator connection
 Works as external host control and standalone
(Please refer to the software application notes and programming guide for the method of control software design.)
 Sleep and Deep Sleep Functions
 Built-in DCDC converter and LDO
 Wide range of input power supply voltages supported (1.8 to 3.6 V, Built-in low battery voltage detection.)
 Built-in general purpose ADC
 External analog inputs (5 ch - shared with General Purpose IOs)
 Internal Power supply voltage monitoring (1 ch - connected inside)
 External radio front-end control
 Radio transmitting and receiving timing signal output (1 ch - shared with a General Purpose IO)
 Automatic Advertise Function
 A user sets the arbitrary number of times to the register for Auto Advertise in the IC using an application program.
Then the Advertise data to be set beforehand can be transmitted repeatedly without CPU process. (The register for
Auto Advertise has 32 bits, the initial value is set to ten thousand times.)
 Operating temperature
 Supported to 105°C. (Note that operating power supply voltage range is different in the case of 85°C.)
 Package:
 TC35679IFTG: QFN Package [40 pin, 6 x 6 mm, 0.5 mm pitch, 1.0 mm thickness, wettable package]




Số phần tương tự - TC35679IFTG-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC35679FSG TOSHIBA-TC35679FSG Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
17-Jan-2018
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
17-Jan-2018
More results


Mô tả tương tự - TC35679IFTG-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC35678FSG-002 TOSHIBA-TC35678FSG-002 Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
17-Jan-2018
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
17-Jan-2018
TC3567CFSG-002 TOSHIBA-TC3567CFSG-002 Datasheet
616Kb / 49P
TC3567CFSG-002 Bluetooth® low energy IC
06-Apr-2018
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
26-Apr-2018
TC35680FSG-002 TOSHIBA-TC35680FSG-002 Datasheet
1Mb / 91P
TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
04-Apr-2019
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
03-Oct-2018
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com